Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK-2108R-K2SVA2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDK-2108R-K2SVA2E
Description  8.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-2108R-K2SVA2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDK-2108R-K2SVA2E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-2108R-K2SVA2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download www.advantech.com/products
Online Download
Dimensions
Unit: mm
For more compatible embedded board solution, please visit our Build Your display web page as bellow
http://www.advantech.com/buildyourdisplay
IDK-2108
Ordering Information
Part No.
Size
Brightness (cd/m2)
Interface
Touch screen
Touch Interface
IDK-2108N-K2SVA2E
8.4"
1200
LVDS
N/A
N/A
IDK-2108R-K2SVA2E
8.4"
1200
LVDS
4-wire Resistive
USB
IDK-2108N Series
IDK-2108R Series
Packing List
Part Number
Description
ETM-RES05C-EEH4EE
1 x 4-wire Touch controller
1700020324-01
1 x USB cable
2066I10000
1 x CD-ROM for User manual and touch driver
Note: Package contents are subject to change without prior notice
Optional Order
SBC Part
No.
LVDS cable P/N Display
interface
B/L cable P/N
Touch
interface
Touch
power
input
MIO-5270 96CB-L2040PAB4
Single channel
18bit LVDS
(SVGA)
96CB-E0405PIB3 USB
5V
PCM-9362 96CB-L2020PAB2
Single channel
18bit LVDS
(SVGA)
96CB-E0405PIB3 USB
5V
AIMB-270 96CB-L2040PAB4
Single channel
18bit LVDS
(SVGA)
96CB-E0405PIB3 USB
5V
170.4±0.5 (Active area)
174.2±0.3 (Bezel)
203.0±0.5
95.3±0.5
Ø3
(2.5)
8.0
1.6
198.5
172.21 (T/S Active area)
188.98 (Touch)
203.0
(10.3)
(8.3)
50±0.5
11.0


Similar Part No. - IDK-2108R-K2SVA2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-2108R-K2SVA2E ADVANTECH-IDK-2108R-K2SVA2E Datasheet
354Kb / 2P
   8.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com