Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK325BJ106MM-T Datasheet(PDF) 4 Page - Texas Instruments

Part # UMK325BJ106MM-T
Description  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UMK325BJ106MM-T Datasheet(HTML) 4 Page - Texas Instruments

  UMK325BJ106MM-T Datasheet HTML 1Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 2Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 3Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 4Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 5Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 6Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 7Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 8Page - Texas Instruments UMK325BJ106MM-T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DRAIN
GATE
SOURCE
MFG1
MFG2
P5
VE
P6
MFG4
MFG6
MFG3
MFG5
+HV CONNECTED TO P6
OR MFG2
Banana-Jack
Banana-Jack
Q1
+HV RETURN
CONNECTED TO MFG5
LOAD
PCB CONNECTIONS
+HV
D
G
S
SCHEMATIC
LOAD
DRAIN
GATE
SOURCE
MFG1
MFG2
P5
VE
P6
MFG4
MFG6
MFG3
MFG5
+HV CONNECTED TO
MFG6
Banana-Jack
Banana-Jack
Q1
+HV RETURN
CONNECTED TO P5 OR
MFG1
LOAD
PCB CONNECTIONS
+HV
D
G
S
SCHEMATIC
LOAD
Printed-Circuit Board
www.ti.com
Figure 2. High-Side Interconnection Diagram
Figure 3. Low-Side Interconnection Diagram
2.1.2.4
Turnon/Turnoff Adjust
The PCB contains a single, 10-
Ω gate resistor (R4) and a short bus wire in place of diode D2. This simple
configuration sets the peak current at approximately 3 A, with turnon/ turnoff characteristics the same. The
PCB has provisions for the user to install the D2 and D3 diodes and R4 and R5 resistors. This allows the
user to evaluate device operation with different on/off characteristics. This is shown in Figure 4. The
turnon characteristics can also be adjusted with the value of R2, which connects VC to VCC2. As shipped,
R2 is set to 0
Ω, but the user can change this and examine the effects on turnon characteristics.
4
ISO5500EVM
SLLU136
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - UMK325BJ106MM-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
UMK325BJ106MM-T NSC-UMK325BJ106MM-T Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
STMicroelectronics
UMK325BJ106MM-T STMICROELECTRONICS-UMK325BJ106MM-T Datasheet
784Kb / 43P
   3 A step-down switching regulator
logo
Taiyo Yuden (U.S.A.), I...
UMK325BJ106MM-T TAIYO-YUDEN-UMK325BJ106MM-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
logo
STMicroelectronics
UMK325BJ106MM-T STMICROELECTRONICS-UMK325BJ106MM-T Datasheet
17Mb / 68P
   38 V, 2 A synchronous step-down switching regulator with 30 關A quiescent current
Rev 2 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com