Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-3395A2-M4E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIC-3395A2-M4E
Description  6U CompactPCI짰 2nd and 3rd Generation Intel Core i3/i5/i7 Processor Blade with ECC Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3395A2-M4E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIC-3395A2-M4E Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3395A2-M4E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Front I/O
USB2.0
2 type A
COM
1 RS232 on RJ45
LAN
2 10/100/1000 Mbps on RJ45
Front Panel LEDs
x1 blue/yellow for Hot Swap/HDD, x1 green for Master/Drone mode, x1 yellow BMC Heartbeat, and x1 green for
Power
Buttons
CPU reset button and BMC reset button
Rear I/O
USB2.0
4 ports
COM
2 ports
LAN
2 ports
SATA
2 SATA-II
PCIe
1 PCIe x4
Others
PS/2 for keyboard & mouse, DVI-I and DVI-D
Watchdog Timer
Output
Local Rest and Interrupt
Interval
Programmable 1s ~ 255s
Hardware Monitor
HWM
NCT6776F
BMC
Controller
Renesas H8S 2167, IPMI v2.0 compliant
Operating System
Compatibility
Windows 7, Windows 2008, Windows 2003, Windows XP SP3, RHEL 6.1, VxWorks 6.x (on request)
Miscellaneous
NVRAM
2KB
Power Requirement
Configuration
4HP
TDP
Maximum: up to 60 W (quad core), 50 W (dual core) or less, depending on CPU type
Physical Characteristics
Dimensions (W x D)
233.35 x 160 mm (9.19" x 6.3")
Environment
Operating
Non-operating
Temperature
0 ~ 55° C (32 ~ 122° F)
-40 ~ 85° C (-40 ~ 185° F)
Humidity
95 % @ 40° C, non-condensing
95 % @ 60° C, non-condensing
Vibration (5-500 Hz)
2 Grms (without on-board 2.5" SATA HDD)
3.5 Grms
Shock
20 G (without on-board 2.5" SATA HDD)
50 G
Altitude
4,000 m above sea level
10,000 m above sea level
Regulatory
Conformance
FCC Class A, CE, RoHS
NEBS Level 3
Designed to meet GR-63-Core and GR-1089-Core
Compliance
Standards
PICMG2.0 R3.0, PICMG2.1 R.0, PICMG2.9 R1.0, PICMG2.16 R1.0,
Ordering Information
Part Number
Front Panel
Main On-board Features
VGA
USB2.0
(type A)
Ethernet
(RJ45)
Console
(RJ45)
CPU
Onboard
Memory
CFast
Socket
Storage
Channel
SODIMM
Socket
BMC
Function
MIC-3395A1-M4E
1
2
2
1
i7-2655LE
4 GB
1
1 SATA-III
1
No
MIC-3395A2-M4E
1
2
2
1
i7-2655LE
4 GB
1
1 SATA-III
1
Yes
MIC-3395B1-M4E*
1
2
2
1
i5-2515E
4 GB
1
1 SATA-III
1
Yes
MIC-3395C1-M4E*
1
2
2
1
i7-2715QE
4 GB
1
1 SATA-III
1
Yes
*Note: MIC-3395B1-M4E and MIC-3395C1-M4E available by request; please contact your local sales office.
MIC-3395
Related Products
Part Number
Description
RIO-3315-A1E
RTM Module with SAS Controller for MIC-3395
RIO-3315-B1E
RTM Module without SAS Controller for MIC-3395
RIO-3315-C1E
RTM Module with 4 LAN ports for MIC-3395
MIC-3666-AE
Dual 10 Gigabit Ethernet XMC
MIC-3665-AE
CompactPCI PMC with dual copper (RJ-45) Gigabit
Ethernet interfaces
MIC-3665-BE
CompactPCI PMC with dual fiber Gigabit Ethernet
interfaces
Memory
SODIMM
socket
One CFast
Socket / HDD
mounting site
One passive
CPU heatsink
MIC-3395x-MxE Series
VGA port
Two USB2.0
One RJ45 (console)
One PMC/XMC
Two RJ45
Specifications (Cont.)


Similar Part No. - MIC-3395A2-M4E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3395A2-M4E ADVANTECH-MIC-3395A2-M4E Datasheet
442Kb / 2P
   6U CompactPCI짰 2nd and 3rd Generation Intel Core i3/i5/i7 Processor Blade with ECC Support
More results

Similar Description - MIC-3395A2-M4E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3395 ADVANTECH-MIC-3395_13 Datasheet
442Kb / 2P
   6U CompactPCI짰 2nd and 3rd Generation Intel Core i3/i5/i7 Processor Blade with ECC Support
MIC-3396 ADVANTECH-MIC-3396_15 Datasheet
558Kb / 2P
   6U CompactPCI 4th Generation Intel짰 Core??i3/i5/i7 Processor Blade with ECC support
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
   6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
   6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
TKS-G50-QM77 AAEON-TKS-G50-QM77 Datasheet
389Kb / 2P
   EmBox with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
logo
Advantech Co., Ltd.
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
   6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com