Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX058CL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX058CL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX058CL Datasheet(HTML) 1 Page - Sony Corporation

  ICX058CL Datasheet HTML 1Page - Sony Corporation ICX058CL Datasheet HTML 2Page - Sony Corporation ICX058CL Datasheet HTML 3Page - Sony Corporation ICX058CL Datasheet HTML 4Page - Sony Corporation ICX058CL Datasheet HTML 5Page - Sony Corporation ICX058CL Datasheet HTML 6Page - Sony Corporation ICX058CL Datasheet HTML 7Page - Sony Corporation ICX058CL Datasheet HTML 8Page - Sony Corporation ICX058CL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The ICX058CL is an interline CCD solid-state image
sensor suitable for EIA black-and-white video cameras.
Compared
with
the
current
product
ICX058AL,
sensitivity is improved drastically through the adoption
of Super HAD CCD technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
Features
• High sensitivity (+4dB at F8, +3dB at F1.2 compared with ICX058AL)
• High resolution, low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Horizontal register:
5V drive
• Reset gate:
5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels:
768 (H)
× 494 (V) approx. 380K pixels
• Number of total pixels:
811 (H)
× 508 (V) approx. 410K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
6.35µm (H)
× 7.40µm (V)
• Optical black:
Horizontal (H) direction:
Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even field only)
• Substrate material:
Silicon
– 1 –
ICX058CL
E97X20A99
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing newly
developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Similar Part No. - ICX058CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058CK SONY-ICX058CK Datasheet
213Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera
More results

Similar Description - ICX058CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
ICX058CK SONY-ICX058CK Datasheet
213Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
   1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com