Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50-20DP-1V Datasheet(PDF) 11 Page - Hirose Electric

Part # DF50-20DP-1V
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-20DP-1V Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF50-20DP-1V Datasheet HTML 4Page - Hirose Electric DF50-20DP-1V Datasheet HTML 5Page - Hirose Electric DF50-20DP-1V Datasheet HTML 6Page - Hirose Electric DF50-20DP-1V Datasheet HTML 7Page - Hirose Electric DF50-20DP-1V Datasheet HTML 8Page - Hirose Electric DF50-20DP-1V Datasheet HTML 9Page - Hirose Electric DF50-20DP-1V Datasheet HTML 10Page - Hirose Electric DF50-20DP-1V Datasheet HTML 11Page - Hirose Electric DF50-20DP-1V Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
1.Recommended temperature profile
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface temperature at the
point of contacts with the connector terminals.
2.Recommended manual soldering
Manual soldering: 350ç±10ç for 3 to 4 seconds
3.Recommended screen thickness and
open area ratio (Pattern area ratio)
Standard thickness 0.1mm
Open area ratios:100%
4.Board warpage
Maximum of 0.02mm at the connector center, with both ends of the connector as
reference points.
5.Cleaning conditions
Refer to “Nylon Connector Use Handbook”.
6.Precautions
▪ Mating and un-mating of the connectors when not soldered on the boards is not
recommended as this may cause deformation of the terminals, damage to the
contacts or insulators.
▪ When mating/un-mating do not twist or lift by the corners. Apply the forces evenly
across the entire length and width of the connectors taking care NOT to damage
or deform soldered terminations.
▪ Slight discoloration on the insulating materials will not affect form, fit or function of
the connectors.
Usage Recommendations
TIME (sec)
180ç
100
150
200
250
220ç
PRE-HEATING TIME
SOLDERING TIME
MAX 250ç
90
~120sec
60secMAX
10secMAX
0


Similar Part No. - DF50-20DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-20DP-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com