Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50-50DS-1C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF50-50DS-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-50DS-1C Datasheet(HTML) 2 Page - Hirose Electric

  DF50-50DS-1C Datasheet HTML 1Page - Hirose Electric DF50-50DS-1C Datasheet HTML 2Page - Hirose Electric DF50-50DS-1C Datasheet HTML 3Page - Hirose Electric DF50-50DS-1C Datasheet HTML 4Page - Hirose Electric DF50-50DS-1C Datasheet HTML 5Page - Hirose Electric DF50-50DS-1C Datasheet HTML 6Page - Hirose Electric DF50-50DS-1C Datasheet HTML 7Page - Hirose Electric DF50-50DS-1C Datasheet HTML 8Page - Hirose Electric DF50-50DS-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Specifications
Ratings
Current rating
1A
Operating temperature range:
Operating humidity range:
-35 to +85°C (Note 1)
RH 20% to 80%
Voltage rating 30 Vrms AC
100V AC /DC
Storage temperature range:
Storage humidity range:
-10 to +60°C (Note 2)
RH 40% to 70% (Note 2)
Item
Specification
Conditions
1.Insulation
resistance
500Mø min.
100 V DC
2.Withstanding
voltage
No flashover or insulation breakdown
300 Vrms AC / 1 minute
3.Contact
resistance
30mø max
20 mV,(DC or 1,000Hz)
4.Vibration
No electrical discontinuity of 1 μs or longer
Frequency: 10 to 55 Hz, single amplitude of 0.75mm,
10 cycles in each of the 3 directions.
5.Shock
No electrical discontinuity of 1 μs or longer
490m/s
2 duration of pulse 11ms at 3 times for 3 directions.
6.Humidity
Contact resistance 50 mø max.
Insulation resistance: 100 Mø min.
96 hours at of 40 ±2°C, and humidity of 90 to 95%
7.Temperature
cycle
Contact resistance 50 mø max.
Insulation resistance: 500 Mø min.
-55°C → 5 to 35°C → 85°C → 5 to 35°C
Time: 30 min. → 2 to 3 min. → 30 min. → 2 to 3 min.
5 cycles
8.Durability
Contact resistance 50 mø max.
30 cycles
9.Resistance to
soldering heat
No deformation of affecting performance
Reflow: At the recommended temperature profile
Manual soldering: 350°C for 3 to 4 seconds
Note 1. Includes temperature rise caused by current flow.
Note 2. The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or
during transportation after board mounting.
Note 3. Information contained in this catalog represents general requirements for this Series.
Contact us for the drawings and specifications for a specific part number shown.
Materials
Product
Part
Material
Finish
Remarks
Header
Insulator
LCP
Color:Black
UL94V-0
Contact
Brass
Gold plated
---------
Metal fittings
Phosphor bronze
(DF50A)
Tin plated
---------
Brass(DF50)
Tin plated
---------
Lock Metal
Stainless
---------
---------
Socket
Insulator
PBT
Color:Black(DF50A)
UL94V-0
Color:White(DF50)
Crimping contact
Contact
Phosphor bronze
Gold plated
---------


Similar Part No. - DF50-50DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-50DP-1H HIROSE-DF50-50DP-1H Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-50DP-1H(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com