Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50A-11S-1C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF50A-11S-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-11S-1C Datasheet(HTML) 2 Page - Hirose Electric

  DF50A-11S-1C Datasheet HTML 1Page - Hirose Electric DF50A-11S-1C Datasheet HTML 2Page - Hirose Electric DF50A-11S-1C Datasheet HTML 3Page - Hirose Electric DF50A-11S-1C Datasheet HTML 4Page - Hirose Electric DF50A-11S-1C Datasheet HTML 5Page - Hirose Electric DF50A-11S-1C Datasheet HTML 6Page - Hirose Electric DF50A-11S-1C Datasheet HTML 7Page - Hirose Electric DF50A-11S-1C Datasheet HTML 8Page - Hirose Electric DF50A-11S-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Specifications
Ratings
Current rating
1A
Operating temperature range:
Operating humidity range:
-35 to +85°C (Note 1)
RH 20% to 80%
Voltage rating 30 Vrms AC
100V AC /DC
Storage temperature range:
Storage humidity range:
-10 to +60°C (Note 2)
RH 40% to 70% (Note 2)
Item
Specification
Conditions
1.Insulation
resistance
500Mø min.
100 V DC
2.Withstanding
voltage
No flashover or insulation breakdown
300 Vrms AC / 1 minute
3.Contact
resistance
30mø max
20 mV,(DC or 1,000Hz)
4.Vibration
No electrical discontinuity of 1 μs or longer
Frequency: 10 to 55 Hz, single amplitude of 0.75mm,
10 cycles in each of the 3 directions.
5.Shock
No electrical discontinuity of 1 μs or longer
490m/s
2 duration of pulse 11ms at 3 times for 3 directions.
6.Humidity
Contact resistance 50 mø max.
Insulation resistance: 100 Mø min.
96 hours at of 40 ±2°C, and humidity of 90 to 95%
7.Temperature
cycle
Contact resistance 50 mø max.
Insulation resistance: 500 Mø min.
-55°C → 5 to 35°C → 85°C → 5 to 35°C
Time: 30 min. → 2 to 3 min. → 30 min. → 2 to 3 min.
5 cycles
8.Durability
Contact resistance 50 mø max.
30 cycles
9.Resistance to
soldering heat
No deformation of affecting performance
Reflow: At the recommended temperature profile
Manual soldering: 350°C for 3 to 4 seconds
Note 1. Includes temperature rise caused by current flow.
Note 2. The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or
during transportation after board mounting.
Note 3. Information contained in this catalog represents general requirements for this Series.
Contact us for the drawings and specifications for a specific part number shown.
Materials
Product
Part
Material
Finish
Remarks
Header
Insulator
LCP
Color:Black
UL94V-0
Contact
Brass
Gold plated
---------
Metal fittings
Phosphor bronze
(DF50A)
Tin plated
---------
Brass(DF50)
Tin plated
---------
Lock Metal
Stainless
---------
---------
Socket
Insulator
PBT
Color:Black(DF50A)
UL94V-0
Color:White(DF50)
Crimping contact
Contact
Phosphor bronze
Gold plated
---------


Similar Part No. - DF50A-11S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-11S-1C HIROSE-DF50A-11S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50A-11S-1C HIROSE-DF50A-11S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-11S-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAC13KS ETC2-VAC13KS Datasheet
257Kb / 2P
   Positive Lock Connector & mating inlet
logo
Tyco Electronics
341001-7 MACOM-341001-7 Datasheet
73Kb / 1P
   POSITIVE LOCK RECEPTACLE
logo
List of Unclassifed Man...
1-160759-1 ETC2-1-160759-1 Datasheet
100Kb / 1P
   POSITIVE LOCK REC
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
   0.5 mm-Pitch Rotary-Lock FPC Connector
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Tyco Electronics
100100-1 MACOM-100100-1 Datasheet
52Kb / 1P
   2 POSITION POSITIVE-LOCK HOUSING
logo
Molex Electronics Ltd.
501939-0503 MOLEX-501939-0503 Datasheet
136Kb / 2P
   1.0 WIRE TO BOARD CONN. 1-ROW RECPTACLE HOUSING POSITIVE LOCK
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com