Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC-520 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-520
Description  Installation Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-520 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-520 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ubiquitous Touch Computer
All product specifications are subject to change without notice
Last updated : 3-Jul-2012
Installation Accessories –
UTC-520/515
Desktop Stand
Swingarm
Wall Mount Kit
Dimensions (mm)
(W x H x D)
40 x 47 x 169 (x2)
510 x 165 x 85
125 x 112 x 85
Weight (kg)
0.145 (x2)
4.2
0.75
Rotation Range#
None
180°
-17.5° ~ 17.5°
(down~ up)
360 (rotation)
Part No.
UTC-520-STAND1E PPC-ARM-A03 UTC-WALL- MOUNT1E
*
Desktop Stand only for horizontal
Dimensions
Stand for Desktop <only for horizontal>
Swingarm
Wall Mount
Unit: mm
Unit: mm
Unit: mm
Unit: mm
90°x2
90°x2
90°x2
90°
360°
129.2
516
168.43
40
100
222.80
VESA Hole
M4 depth=5mm


Similar Part No. - UTC-520

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
442Kb / 2P
   21.5' Ubiquitous Touch Computer
UTC-520 ADVANTECH-UTC-520 Datasheet
756Kb / 4P
   21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520 Datasheet
913Kb / 4P
   21.5" Ubiquitous Touch Computer
7-Jan-2023
UTC-520 ADVANTECH-UTC-520 Datasheet
905Kb / 4P
   21.5" Ubiquitous Touch Computer
13-Jun-2023
UTC-520 ADVANTECH-UTC-520 Datasheet
737Kb / 4P
   21.5" Ubiquitous Touch Computer
29-Dec-2022
More results

Similar Description - UTC-520

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0044L EPCOS-B84298A0044L Datasheet
155Kb / 2P
   Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
   Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
   Installation Accessories
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
   Installation Accessories
logo
Advantech Co., Ltd.
UTC-515 ADVANTECH-UTC-515 Datasheet
262Kb / 1P
   Installation Accessories
UTC ADVANTECH-UTC Datasheet
780Kb / 2P
   UTC Series Installation Accessories
logo
Tripp Lite. All Rights ...
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
   Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
   Installation Instructions
logo
M-System Co.,Ltd.
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
   INSTALLATION BASE
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com