Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107-2 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 107-2
Description  CONTACT INSERTION TOOL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

107-2 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  107-2 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: UNLESS OTHERWISE SPECIFIED
2
USED FOR MRAC & MRAC/EC CONNECTORS
1. * DENOTES A KEY CHARACTERISTIC.
PROTECTIVE CAP. REMOVE BEFORE USING TOOL.
MATERIAL SPECIFICATIONS
1 HANDLE: PLASTIC
2 INSERTION TOOL: CARBON TOOL STEEL PER QQ-3-00766
OF
A
CONTACT INSERTION TOOL
REV
G
107-2
SHT
1
ANGLES: ± 2°
SCALE: 1:1
W
ronics
t
lec
Wallingford, Connecticut 06492
62 Barnes Industrial Road North
DATE APPD
BY
ECR-ER4169
DESCRIPTION
G
REV
12/19/58
RRL
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
12/19/58
D.MANTE
DATE
APPROVED
12/15/58
R.K.NYSLOP
DATE
DRAWN
REVISED PER
DRAWING
CUSTOMER
Winchester Electronics Corporation
E
er
t
inches
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
1
.56
.092
.119
2
1
2
CATALOG No. 107-1015
.250
2.00
45°
4.50
.625


Similar Part No. - 107-2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
107-2 HELLERMANNTYTON-107-2 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 107-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62100-5110 MOLEX11-62100-5110 Datasheet
35Kb / 1P
   Backplane Insertion Tool for Signal Contact Insertion
logo
PHOENIX CONTACT
RC-Z2494 PHOENIX-RC-Z2494 Datasheet
44Kb / 2P
   Contact insertion and removal tool
logo
Molex Electronics Ltd.
62100-5800 MOLEX11-62100-5800 Datasheet
35Kb / 1P
   Backplane Insertion Tool for Signal Contact
62100-5850 MOLEX-62100-5850 Datasheet
737Kb / 9P
   Impact Backplane Signal Contact Insertion Tool
10-28-14
0621005800 MOLEX-0621005800 Datasheet
275Kb / 84P
   Backplane Insertion Tool for Signal Contact
02/26/2021
62201-8930 MOLEX-62201-8930 Datasheet
213Kb / 3P
   Impel Backplane Signal Contact Insertion Tool
10-05-12
logo
PHOENIX CONTACT
1611803 PHOENIX-1611803 Datasheet
48Kb / 1P
   Contact insertion and removal tool - RC-Z2490
1614123 PHOENIX-1614123 Datasheet
44Kb / 2P
   Contact insertion and removal tool - RC-Z2494
logo
Harwin Plc
Z80-280 HARWIN-Z80-280 Datasheet
224Kb / 1P
   DATAMATE CRIMP CONTACT INSERTION / REMOVAL TOOL KIT
logo
Molex Electronics Ltd.
11-02-0022 MOLEX11-11-02-0022 Datasheet
41Kb / 1P
   Insertion Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com