Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX068AKB Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX068AKB
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX068AKB Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX068AKB Datasheet HTML 5Page - Sony Corporation ICX068AKB Datasheet HTML 6Page - Sony Corporation ICX068AKB Datasheet HTML 7Page - Sony Corporation ICX068AKB Datasheet HTML 8Page - Sony Corporation ICX068AKB Datasheet HTML 9Page - Sony Corporation ICX068AKB Datasheet HTML 10Page - Sony Corporation ICX068AKB Datasheet HTML 11Page - Sony Corporation ICX068AKB Datasheet HTML 12Page - Sony Corporation ICX068AKB Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
– 9 –
ICX068AKB
Image Sensor Characteristics Measurement Method
Measurement conditions
1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of Y signal output
or chroma signal output of the measurement system.
Color coding of this image sensor & Composition of luminance (Y) and chroma (color difference) signals
As shown in the left figure, fields are read out. The charge is
mixed by pairs such as A1 and A2 in the A field. (pairs such
as B in the B field)
As a result, the sequence of charges output as signals from
the horizontal shift register (Hreg) is, for line A1, (G + Cy),
(Mg + Ye), (G + Cy), and (Mg + Ye).
These signals are processed to form the Y signal and chroma (color difference) signal. The Y signal is formed
by adding adjacent signals, and the chroma signal is formed by subtracting adjacent signals. In other words,
the approximation:
Y = {(G + Cy) + (Mg + Ye)}
× 1/2
= 1/2 {2B + 3G + 2R}
is used for the Y signal, and the approximation:
R – Y = {(Mg + Ye) – (G + Cy)}
= {2R – G}
is used for the chroma (color difference) signal. For line A2, the signals output from Hreg in sequence are
(Mg + Cy), (G + Ye), (Mg + Cy), (G + Ye).
The Y signal is formed from these signals as follows:
Y = {(G + Ye) + (Mg + Cy)}
× 1/2
= 1/2 {2B + 3G + 2R}
This is balanced since it is formed in the same way as for line A1.
In a like manner, the chroma (color difference) signal is approximated as follows:
– (B – Y) = {(G + Ye) – (Mg + Cy)}
= – {2B – G}
In other words, the chroma signal can be retrieved according to the sequence of lines from R – Y and – (B – Y)
in alternation. This is also true for the B field.
Cy
Ye
G
Mg
Cy
Ye
G
Mg
Cy
Ye
G
Mg
Cy
Ye
G
Mg
A1
A2
B
Hreg
Color Coding Diagram


Similar Part No. - ICX068AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX068AKB SONY-ICX068AKB Datasheet
194Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX068AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX228AK SONY-ICX228AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AK SONY-ICX086AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com