Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1091LUA-027+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1091LUA-027+
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091LUA-027+ Datasheet(HTML) 7 Page - Maxim Integrated Products

  DS1091LUA-027+ Datasheet HTML 1Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 2Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 3Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 4Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 5Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 6Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 7Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 8Page - Maxim Integrated Products DS1091LUA-027+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
7
Maxim Integrated
Applications Information
Power-Supply Decoupling
To achieve best results, it is highly recommended that
decoupling capacitors are used on the IC power-supply
pins. Typical values of decoupling capacitors are 0.01µF
and 0.1µF. Use a high-quality, ceramic, surface-mount
capacitor, and mount it as close as possible to the VCC
and GND pins of the IC to minimize lead inductance.
Chip Information
SUBSTRATE CONNECTED TO GROUND
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 µMAX
U8+1
21-0036
90-0092


Similar Part No. - DS1091LUA-027+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091LUA+027 MAXIM-DS1091LUA+027 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+033 MAXIM-DS1091LUA+033 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+066 MAXIM-DS1091LUA+066 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+XXX MAXIM-DS1091LUA+XXX Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
More results

Similar Description - DS1091LUA-027+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com