Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8316 Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FOD8316
Description  2.5A Output Current, IGBT Drive Optocoupler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8316 Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FOD8316 Datasheet HTML 11Page - Fairchild Semiconductor FOD8316 Datasheet HTML 12Page - Fairchild Semiconductor FOD8316 Datasheet HTML 13Page - Fairchild Semiconductor FOD8316 Datasheet HTML 14Page - Fairchild Semiconductor FOD8316 Datasheet HTML 15Page - Fairchild Semiconductor FOD8316 Datasheet HTML 16Page - Fairchild Semiconductor FOD8316 Datasheet HTML 17Page - Fairchild Semiconductor FOD8316 Datasheet HTML 18Page - Fairchild Semiconductor FOD8316 Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8316 Rev. 1.2.0
15
Test Circuits
Figure 32. Fault Output Current (IFAULTL) and (IFAULTH) Test Circuit
Figure 33. High Level Output Current (IOH) Test Circuit
Figure 34. Low Level Output Current (IOL) Test Circuit
1
2
3
4
5
6
7
8
VIN+
VIN–
VDD1
GND1
RESET
FAULT
VLED1+
VLED1-*
VE
VLED2+
DESAT
VDD2
VS
VO
VSS
VSS
16
15
14
13
12
11
10
9
FOD8316
0.1μF
0.1μF
10mA
5V
+
+
IFAULT
VFAULT
VFAULT = 0.4V for IFAULTL
VFAULT = 5.0V for IFAULTH
Switch A closed for IFAULTL
Switch A opened for IFAULTH
*Pin 8 (VLED1-) is internally connected to pin 4 (GND1).
A
1
2
3
4
5
6
7
8
VIN+
VIN–
VDD1
GND1
RESET
FAULT
VLED1+
VLED1-*
VE
VLED2+
DESAT
VDD2
VS
VO
VSS
VSS
16
15
14
13
12
11
10
9
FOD8316
Pulse Gen
PW = 10μs
Period = 5ms
5V
+
0.1μF
0.1μF
47μF
47μF
0.1μF
0.1μF
+
30V
+
VE
+
3kΩ
VO
+
*Pin 8 (VLED1-) is internally connected to pin 4 (GND1).
Pulse Gen
PW = 4.99ms
Period = 5ms
1
2
3
4
5
6
7
8
VIN+
VIN–
VDD1
GND1
RESET
FAULT
VLED1+
VLED1-*
VE
VLED2+
DESAT
VDD2
VS
VO
VSS
VSS
16
15
14
13
12
11
10
9
FOD8316
5V
+
0.1μF
0.1μF
47μF
0.1μF
+
30V
+
VE
+
3kΩ
47μF
0.1μF
VO
+
*Pin 8 (VLED1-) is internally connected to pin 4 (GND1).


Similar Part No. - FOD8316

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
FOD8316R2V ONSEMI-FOD8316R2V Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results

Similar Description - FOD8316

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com