Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8320 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD8320
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8320 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD8320 Datasheet HTML 1Page - Fairchild Semiconductor FOD8320 Datasheet HTML 2Page - Fairchild Semiconductor FOD8320 Datasheet HTML 3Page - Fairchild Semiconductor FOD8320 Datasheet HTML 4Page - Fairchild Semiconductor FOD8320 Datasheet HTML 5Page - Fairchild Semiconductor FOD8320 Datasheet HTML 6Page - Fairchild Semiconductor FOD8320 Datasheet HTML 7Page - Fairchild Semiconductor FOD8320 Datasheet HTML 8Page - Fairchild Semiconductor FOD8320 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8320 Rev. 1.0.6
3
Safety and Insulation Ratings
As per DIN EN/IEC60747-5-5. This optocoupler is suitable for “safe electrical insulation” only within the safety limit
data. Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89 Table 1
For Rated Mains Voltage < 150Vrms
I–IV
For Rated Mains Voltage < 300Vrms
I–IV
For Rated Mains Voltage < 450Vrms
I–IIII
For Rated Mains Voltage < 600Vrms
I–III
Climatic Classification
40/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec., Partial Discharge < 5pC
2651
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test with
tm = 60 sec.,Partial Discharge < 5 pC
2121
VIORM
Max Working Insulation Voltage
1,414
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
10.0
mm
External Clearance
10.0
mm
Insulation Thickness
0.5
mm
Safety Limit Values – Maximum Values Allowed in the
Event of a Failure
TS
Case Temperature
150
°C
IS,INPUT
Input Current
200
mA
PS,OUTPUT
Output Power
600
mW
RIO
Insulation Resistance at TS, VIO = 500V
109
Ω


Similar Part No. - FOD8320

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
More results

Similar Description - FOD8320

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com