Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8316V Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD8316V
Description  2.5A Output Current, IGBT Drive Optocoupler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8316V Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD8316V Datasheet HTML 4Page - Fairchild Semiconductor FOD8316V Datasheet HTML 5Page - Fairchild Semiconductor FOD8316V Datasheet HTML 6Page - Fairchild Semiconductor FOD8316V Datasheet HTML 7Page - Fairchild Semiconductor FOD8316V Datasheet HTML 8Page - Fairchild Semiconductor FOD8316V Datasheet HTML 9Page - Fairchild Semiconductor FOD8316V Datasheet HTML 10Page - Fairchild Semiconductor FOD8316V Datasheet HTML 11Page - Fairchild Semiconductor FOD8316V Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8316 Rev. 1.2.0
8
Notes:
16. This load condition approximates the gate load of a 1200 V/150A IGBT.
17. tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse(VIN+, VIN-) to the 50%
level of the falling edge of the VO signal. Refer to Figure 48.
18. tPHL propagation delay is measured from the 50% level on the rising edge of the input pulse (VIN+, VIN-) to the 50%
level of the rising edge of the VO signal. Refer to Figure 48.
19. PWD is defined as | tPHL – tPLH | for any given device.
20. The difference between tPHL and tPLH between any two FOD8316 parts under same operating conditions, with equal
loads.
21. This is the amount of time the DESAT threshold must be exceeded before VO begins to go low. This is supply voltage
dependent. See Figure 49.
22. This is the amount of time from when the DESAT threshold is exceeded, until the FAULT output goes low.
See Figure 49.
23. This is the amount of time the DESAT threshold must be exceeded before VO begins to go low, and the FAULT
output to go low. See Figure 49.
24. This is the amount of time from when RESET is asserted low, until FAULT output goes high. See Figure 49.
25. tUVLO ON UVLO Turn On Delay is measured from VUVLO+ threshold voltage of the output supply voltage (VDD2) to
the 5V level of the rising edge of the VO signal.
26. tUVLO OFF UVLO Turn Off Delay is measured from VUVLO– threshold voltage of the output supply voltage (VDD2) to
the 5V level of the falling edge of the VO signal.
27. tGP Time to Good Power is measured from 13.5V level of the rising edge of the output supply voltage (VDD2) to the
5V level of the rising edge of the VO signal.
28. Common mode transient immunity at output high state is the maximum tolerable negative dVCM/dt on the trailing
edge of the common mode pulse, VCM, to assure that the output will remain in the high state (i.e., VO > 15 V or
FAULT > 2 V).
29.Common mode transient immunity at output low state is the maximum positive tolerable dVCM/dt on the leading
edge of the common mode pulse, VCM, to assure that the output will remain in a low state (i.e., VO < 1.0 V or FAULT
< 0.8 V).
tGP
Time to Good Power(27)
VDD2 = 0 to 30V in
10µs Ramp
30
µs
30, 31,
43
| CMH |
Common Mode Transient
Immunity at Output High
TA = 25ºC, VDD1 = 5V,
VDD2 = 25V,
VSS = Ground,
VCM = 1500Vpk
(28)
35
50
kV/µs
45, 46
| CML |
Common Mode Transient
Immunity at Output Low
TA = 25ºC, VDD1 = 5V,
VDD2 = 25V,
VSS = Ground,
VCM = 1500Vpk
(29)
35
50
kV/µs
44, 47
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units Figure
Switching Characteristics (Continued)
Apply over all recommended conditions, typical value is measured at VDD1 = 5V, VDD2 – VSS = 30V, VE – VSS = 0V,
TA = 25°C unless otherwise specified.


Similar Part No. - FOD8316V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8316V ONSEMI-FOD8316V Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316V ONSEMI-FOD8316V Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
More results

Similar Description - FOD8316V

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com