Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDM-KL25Z Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # FRDM-KL25Z
Description  FRDM-KL25Z Users Manual
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KL25Z Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button FRDM-KL25Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KL25Z Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FRDMKL25ZUM
FRDM-KL25Z User's Manual
Page 10 of 14
5.3.5 Debug
The sole debug interface on all Kinetis L Series devices is a Serial Wire Debug (SWD) port. The primary
controller of this interface on the FRDM-KL25Z is the onboard OpenSDA circuit (see section 5.2).
However, an unpopulated 10-pin (0.05”) Cortex Debug connector, J6, provides access to the SWD
signals. The Samtec FTSH-105-02-F-D or compatible connectors can be added to the J6 through-hole
debug connector to allow for an external debug cable to be connected.
5.4 Capacitive Touch Slider
Two Touch Sense Input (TSI) signals, TSI0_CH9 and TSI0_CH10, are connected to capacitive electrodes
configured as a touch slider. Freescale’s Touch Sense Software (TSS) provides a software library for
implementing the capacitive touch slider.
5.5 3-axis Accelerometer
A Freescale MMA8451Q low-power, three-axis accelerometer is interfaced through an I
2C bus and two
GPIO signals as shown in Table 4 below. By default, the I
2C address is 0x1D (SA0 pulled high).
Table 4. Accelerometer Signal Connections
MMA8451Q
KL25Z128
SCL
PTE24
SDA
PTE25
INT1
PTA14
INT2
PTA15
Figure 6. MMA8451Q Schematic Diagram
5.6 RGB LED
Three PWM-capable signals are connected to a red, green, blue LED, D3. The signal connections are
shown in Table 5 below.


Similar Part No. - FRDM-KL25Z

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
FRDM-KL25Z-V1 FREESCALE-FRDM-KL25Z-V1 Datasheet
6Mb / 37P
   Freescale Sensor Fusion Library for Kinetis
Rev. 0.7, 9/2015
More results

Similar Description - FRDM-KL25Z

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
FRDM-KL46Z FREESCALE-FRDM-KL46Z Datasheet
1Mb / 17P
   FRDM-KL46Z Users Manual
logo
Bud Industries, Inc.
FBB-3665 BUD-FBB-3665 Datasheet
84Kb / 1P
   FREEDOM FRDM-KL25Z BOARD ENCSLOSURE
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
NXP Semiconductors
FRDM-KL46Z NXP-FRDM-KL46Z Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com