Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1091LUA-066+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1091LUA-066+T
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091LUA-066+T Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS1091LUA-066+T Datasheet HTML 1Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 2Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 3Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 4Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 5Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 6Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 7Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 8Page - Maxim Integrated Products DS1091LUA-066+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
8
Maxim Integrated
Ordering Information
V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
xxx Denotes factory-programmed custom frequencies. Email custom.oscillators@maximintegrated.com for more information.
PART
TEMP RANGE
SPREAD SPECTRUM
OUTPUT FREQUENCY (MHz)
PIN-PACKAGE
DS1091LUA-027+
-40NC to +125NC
Center
27.0
8 FMAX
DS1091LUA-027+T
-40NC to +125NC
Center
27.0
8 FMAX
DS1091LUA-033/V+
-40NC to +125NC
Center
33.3
8 FMAX
DS1091LUA-033/V+T
-40NC to +125NC
Center
33.3
8 FMAX
DS1091LUA-033+
-40NC to +125NC
Center
33.3
8 FMAX
DS1091LUA-033+T
-40NC to +125NC
Center
33.3
8 FMAX
DS1091LUA-040/V+
-40NC to +125NC
Center
40.0
8 FMAX
DS1091LUA-040/V+T
-40NC to +125NC
Center
40.0
8 FMAX
DS1091LUA-040+
-40NC to +125NC
Center
40.0
8 FMAX
DS1091LUA-040+T
-40NC to +125NC
Center
40.0
8 FMAX
DS1091LUA-066/V+
-40NC to +125NC
Center
66.6
8 FMAX
DS1091LUA-066/V+T
-40NC to +125NC
Center
66.6
8 FMAX
DS1091LUA-066+
-40NC to +125NC
Center
66.6
8 FMAX
DS1091LUA-066+T
-40NC to +125NC
Center
66.6
8 FMAX
DS1091LUA-10A/V+
-40NC to +125NC
Center
10.38
8 FMAX
DS1091LUA-10A/V+T
-40NC to +125NC
Center
10.38
8 FMAX
DS1091LUA-200/V+
-40NC to +125NC
Center
0.20
8 FMAX
DS1091LUA-200/V+T
-40NC to +125NC
Center
0.20
8 FMAX
DS1091LUA-200+
-40NC to +125NC
Center
0.20
8 FMAX
DS1091LUA-200+T
-40NC to +125NC
Center
0.20
8 FMAX
DS1091LUA-330/V+
-40NC to +125NC
Center
33.0
8 FMAX
DS1091LUA-330/V+T
-40NC to +125NC
Center
33.0
8 FMAX
DS1091LUA-330+
-40NC to +125NC
Center
33.0
8 FMAX
DS1091LUA-330+T
-40NC to +125NC
Center
33.0
8 FMAX
DS1091LUA-xxx+
-40NC to +125NC
Center
Custom (contact factory)
8 FMAX
DS1091LUB-008+T
-40NC to +125NC
Down
8.0
8 FMAX
DS1091LUB-027+
-40NC to +125NC
Down
27.0
8 FMAX
DS1091LUB-027+T
-40NC to +125NC
Down
27.0
8 FMAX
DS1091LUB-033+
-40NC to +125NC
Down
33.3
8 FMAX
DS1091LUB-033+T
-40NC to +125NC
Down
33.3
8 FMAX
DS1091LUB-066+
-40NC to +125NC
Down
66.6
8 FMAX
DS1091LUB-066+T
-40NC to +125NC
Down
66.6
8 FMAX
DS1091LUB-xxx+
-40NC to +125NC
Down
Custom (contact factory)
8 FMAX


Similar Part No. - DS1091LUA-066+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091LUA+027 MAXIM-DS1091LUA+027 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+033 MAXIM-DS1091LUA+033 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+066 MAXIM-DS1091LUA+066 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+XXX MAXIM-DS1091LUA+XXX Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
More results

Similar Description - DS1091LUA-066+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com