Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMZ60 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMZ60
Description  Angle sensor with integrated amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMZ60 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMZ60 Datasheet HTML 5Page - NXP Semiconductors KMZ60 Datasheet HTML 6Page - NXP Semiconductors KMZ60 Datasheet HTML 7Page - NXP Semiconductors KMZ60 Datasheet HTML 8Page - NXP Semiconductors KMZ60 Datasheet HTML 9Page - NXP Semiconductors KMZ60 Datasheet HTML 10Page - NXP Semiconductors KMZ60 Datasheet HTML 11Page - NXP Semiconductors KMZ60 Datasheet HTML 12Page - NXP Semiconductors KMZ60 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
KMZ60
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 22 November 2011
9 of 29
NXP Semiconductors
KMZ60
Angle sensor with integrated amplifier
Temperature dependency of signal outputs with TC compensation (VCC on pin TCC_EN)
Vo
output voltage
peak-to-peak value;
on pin VOUT1; RL(o)ext =5k
Tamb = 40 C
0.42VCC
0.56VCC 0.70VCC
V
Tamb =25 C
0.46VCC
0.56VCC 0.70VCC
V
Tamb =85 C
0.42VCC
0.53VCC 0.70VCC
V
Tamb =105 C
0.395VCC
0.51VCC 0.695VCC
V
Tamb =150 C
0.35VCC
0.48VCC 0.68VCC
V
peak-to-peak value;
on pin VOUT2; RL(o)ext =5k
Tamb = 40 C
0.42VCC
0.56VCC 0.70VCC
V
Tamb =25 C
0.46VCC
0.56VCC 0.70VCC
V
Tamb =85 C
0.42VCC
0.53VCC 0.70VCC
V
Tamb =105 C
0.395VCC
0.51VCC 0.695VCC
V
Tamb =150 C
0.35VCC
0.48VCC 0.68VCC
V
Voffset
offset voltage
on pin VOUT1; RL(o)ext =5k
Tamb = 40 C
0.08V
CC
-+0.08VCC
V
Tamb =25 C
0.08V
CC
-+0.08VCC
V
Tamb =85 C
0.09V
CC
-+0.09VCC
V
Tamb =105 C
0.095V
CC
-
+0.095VCC V
Tamb =150 C
0.11V
CC
-+0.11VCC
V
on pin VOUT2; RL(o)ext =5k
Tamb = 40 C
0.08V
CC
-+0.08VCC
V
Tamb =25 C
0.08V
CC
-+0.08VCC
V
Tamb =85 C
0.09V
CC
-+0.09VCC
V
Tamb =105 C
0.095V
CC
-
+0.095VCC V
Tamb =150 C
0.11V
CC
-+0.11VCC
V
Table 7.
Characteristics …continued
Tamb =25 C; angle accuracies referred to homogeneous excitation magnetic fields of Hext = 25 kA/m directed parallel to MR
sensor surface; all voltages are related to ground potential of pin GND; the signal outputs and offset voltages on pin VOUT1
and pin VOUT2 are related to the common mode level of VCC / 2; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - KMZ60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ10 PHILIPS-KMZ10 Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ10A1 PHILIPS-KMZ10A1 Datasheet
82Kb / 12P
   Magnetic field sensor
1998 Apr 06
KMZ10B PHILIPS-KMZ10B Datasheet
67Kb / 8P
   Magnetic field sensor
1998 Mar 31
KMZ10C PHILIPS-KMZ10C Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

Similar Description - KMZ60

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
   Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
logo
PIC GmbH
MK PIC-MK Datasheet
166Kb / 1P
   Reed Sensor with integrated resistor
logo
ATMEL Corporation
AT30TSE002A ATMEL-AT30TSE002A Datasheet
1Mb / 37P
   Integrated Temperature Sensor with SEEPROM
AT30TSE002A ATMEL-AT30TSE002A_14 Datasheet
1Mb / 37P
   Integrated Temperature Sensor with SEEPROM
logo
PIC GmbH
MK-XXXX PIC-MK-XXXX Datasheet
166Kb / 1P
   Reed Sensor with integrated resistor
MK-0270 PIC-MK-0270 Datasheet
47Kb / 1P
   Reed Sensor with integrated resistor
logo
Knowles Electronics
SP0103NC3-2 KNOWLES-SP0103NC3-2 Datasheet
328Kb / 5P
   SP0103 Series with Integrated Amplifier
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
logo
Broadcom Corporation.
BCM4775X BOARDCOM-BCM4775X Datasheet
121Kb / 2P
   GNSS Receiver with Integrated Sensor Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com