Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3EKF2371V Datasheet(PDF) 2 Page - International Rectifier

Part # ERJ-3EKF2371V
Description  USER GUIDE FOR IR3898 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF2371V Datasheet(HTML) 2 Page - International Rectifier

  ERJ-3EKF2371V Datasheet HTML 1Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 2Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 3Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 4Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 5Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 6Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 7Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 8Page - International Rectifier ERJ-3EKF2371V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3898-P1V2
12/8/2011
2
A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum of 6A load should be
connected to VOUT+ and VOUT-. The inputs and output connections of the board are listed in Table I.
IR3898 has only one input supply and internal LDO generates Vcc from Vin. If operation with external Vcc
is required, then R15 can be removed and external Vcc can be applied between Vcc+ and Vcc- pins. Vin pin
and Vcc/LDO_Out pins should be shorted together for external Vcc operation.
The output can track voltage at the Vp pin. For this purpose, Vref pin is to be connected to ground (use zero
ohm resistor for R21). The value of R14 and R28 can be selected to provide the desired tracking ratio
between output voltage and the tracking input.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 4-layer board (2.23”x2”) using FR4 material. All layers use 2 Oz. copper. The PCB
thickness is 0.062”. The IR3898 and other major power components are mounted on the top side of the
board.
Power supply decoupling capacitors, the bootstrap capacitor and feedback components are located
close to IR3898. The feedback resistors are connected to the output at the point of regulation and are
located close to the SupIRBuck IC. To improve efficiency, the circuit board is designed to minimize the
length of the on-board power ground current path.
Table I. Connections
Connection
Signal Name
VIN+
Vin (+12V)
VIN-
Ground of Vin
Vout+
Vout(+1.2V)
Vout-
Ground for Vout
Vcc+
Vcc/ LDO_Out Pin
Vcc-
Ground for Vcc input
Enable
Enable
PGood
Power Good Signal
AGnd
Analog ground


Similar Part No. - ERJ-3EKF2371V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ERJ-3EKF2371V IRF-ERJ-3EKF2371V Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
ERJ-3EKF2371V IRF-ERJ-3EKF2371V Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF2371V IRF-ERJ-3EKF2371V Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
ERJ-3EKF2371V IRF-ERJ-3EKF2371V Datasheet
2Mb / 17P
   USER GUIDE FOR IR3897 EVALUATION BOARD
ERJ-3EKF2371V IRF-ERJ-3EKF2371V Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
More results

Similar Description - ERJ-3EKF2371V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com