Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC11UXX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC11UXX
Description  NXP LPC microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11UXX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC11UXX Datasheet HTML 2Page - NXP Semiconductors LPC11UXX Datasheet HTML 3Page - NXP Semiconductors LPC11UXX Datasheet HTML 4Page - NXP Semiconductors LPC11UXX Datasheet HTML 5Page - NXP Semiconductors LPC11UXX Datasheet HTML 6Page - NXP Semiconductors LPC11UXX Datasheet HTML 7Page - NXP Semiconductors LPC11UXX Datasheet HTML 8Page - NXP Semiconductors LPC11UXX Datasheet HTML 9Page - NXP Semiconductors LPC11UXX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
NXP’s LPC Connect microcontrollers add point-to-point connectivity to LPC Go products.
LPC Connect devices combine plug-and-play USB or CAN interfaces with software-integrated
drivers in on-chip ROM, so it’s never been easier to add connectivity to your system. Get to
market faster with a connected, efficient, and cost-effective system.
4
Cortex-M0, Cortex-M3, and ARM7-based microcontrollers
4
High performance on standard serial interfaces (SSP, I2C, etc.)
4
Pin-to-pin compatible options for scalable performance
4
Integrated USB 2.0 or CAN 2.0B transceiver
4
USB drivers in ROM: MSC, HID, CDC, DFU
4
CANopen drivers in ROM, programming via CAN
LPC Connect
2x 32-bit
timers
2x 16-bit
timers
Power
control
High-speed
GPIOs
Watchdog
timer
Systick
timer
UART,
I2C, SPI
8 channel
10-bit ADC
Packages
(CSP, LQFP,
HVQFN)
LPC Connect common features
LPC11Uxx
LPC11Cxx
LPC11Dxx
LPC11Axx
LPC134x
LPC213x
LPC214x
Freq (max)
50 MHz
50 MHz
50 MHz
50 MHz
72 MHz
60 MHz
60 MHz
Flash
16 to 128 KB
16/32 KB
Up to 64 KB
8 to 32 KB
8 to 64 KB
32 to 512 KB 32 to 512 KB
RAM
6 to 12 KB
8 KB
Up to 8 KB
2 to 8 KB
4 to 12 KB
8 to 32 KB
8 to 32 KB
EEPROM
Up to 4 KB
Up to 4 KB
Up to 4 KB
Core
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M3
ARM7
ARM7
FS USB
CAN
With Tx
ADC
10-bit
10-bit
10-bit
10 or 12-bit
10-bit
10-bit
Packages
HVQFN33
LQFP48
LQFP64
LQFP48
LQFP100
WLCSP20
HVQFN33
LQFP48
HVQFN33
LQFP48
LQFP64
LQFP64
HVQFN64
LQFP64
LPC Connect lines


Similar Part No. - LPC11UXX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
LPC11U10 NXP-LPC11U10 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC11U12 NXP-LPC11U12 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC11U12FBD201 NXP-LPC11U12FBD201 Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11U12FBD48 NXP-LPC11U12FBD48 Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
More results

Similar Description - LPC11UXX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC1000 ETC1-LPC1000 Datasheet
6Mb / 153P
   Learn embedded programming with NXP?셲 LPC1000 family of Cortex-M0/M3 microcontrollers!
logo
NXP Semiconductors
PCF8885TS PHILIPS-PCF8885TS Datasheet
1Mb / 2P
   NXP capacitive proximity switches
April 2014
logo
DFI Inc
F8700 DFI-F8700 Datasheet
661Kb / 2P
   NXP i.MX8X Series Qseven
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com