Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46R16160D-6TLA2 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS46R16160D-6TLA2
Description  8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16160D-6TLA2 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS46R16160D-6TLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46R16160D-6TLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
Integrated Silicon Solution, Inc.
Rev.  B
06/19/2012
IS43R83200D
IS43/46R16160D, IS43/46R32800D
PIN CONFIGURATIONS
66 pin TSOP - Type II  for x16
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
PIN DESCRIPTION: x16
A0-A12
RowAddressInput
A0-A8
ColumnAddressInput
BA0,BA1
BankSelectAddress
DQ0–DQ15
DataI/O
CK,CK
SystemClockInput
CKE
ClockEnable
CS
ChipSelect
CAS
ColumnAddressStrobe
Command
RAS
RowAddressStrobe
Command
WE
WriteEnable
LDM,UDM
DataWriteMask
LDQS,UDQS
DataStrobe
VDD
Power
VDDQ
PowerSupplyforI/OPins
VSS
Ground
VSSQ
GroundforI/OPins
VREF
SSTL_2referencevoltage
NC
NoConnection


Similar Part No. - IS46R16160D-6TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160B ISSI-IS46R16160B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6BLA1 ISSI-IS46R16160B-6BLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6TLA1 ISSI-IS46R16160B-6TLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160F ISSI-IS46R16160F Datasheet
1Mb / 32P
   Auto Precharge
More results

Similar Description - IS46R16160D-6TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com