Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1313 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC1313
Description  NXP Microcontrollers Selection Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC1313 Datasheet HTML 1Page - NXP Semiconductors LPC1313 Datasheet HTML 2Page - NXP Semiconductors LPC1313 Datasheet HTML 3Page - NXP Semiconductors LPC1313 Datasheet HTML 4Page - NXP Semiconductors LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LPC Connect
NXP’s LPC Connect microcontrollers add point-to-point connectivity to LPC Go products. Adding a USB or CAN interface to your system has never been easier. LPC Connect products combine
these plug-and-play interfaces with software integrated drivers in on-chip ROM. Get to market faster with these easy-to-use connected microcontrollers. This category includes Cortex-M0,
Cortex-M3 and ARM7 based microcontrollers.
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC11U10 devices
LPC11U14
32
6
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33, LQFP48, TFBGA48
32K Flash version of LPC11U12
LPC11U13
24
6
5
11**
1
1
1
2
8/10 b
40
50
3.3
F
LQFP48
24K Flash version of LPC11U12
LPC11U12
16
6
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
LQFP48, HVQFN33
Low cost, low-power Cortex-M0 device with USB, on-chip power profiles
LPC11U20 devices
LPC11U24
32
10
4
5
11**
1
1
2
8/10 b
26/40/54
50
3.3
F
LQFP64, LQFP48, HVQFN33
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U24
32
8
2
5
11**
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33 (5x5), TFBGA48, LQFP48
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U23
24
8
1
5
11**
1
1
2
8/10 b
40
50
3.3
F
LQFP48
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U30 devices
LPC11U37
128
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
LQFP48/64
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11U36
96
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
LQFP48/64
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11U35
64
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
HVQFN33, LQFP48/64, TFBGA48
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector, both 7mm x 7mm and 5mm x 5mm HVQFN33 available
LPC11U34 40/48 8/10
4
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33, LQFP48
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11C00 devices
LPC11C24
32
8
5
11**
1
1
1
2
8/10 b
36
50
3.3
F
LQFP48
32K Flash version of LPC11C22
LPC11C22
16
8
5
11**
1
1
1
2
8/10 b
36
50
3.3
F
LQFP48
Cortex-M0 MCU with on-chip CAN drivers and integrated CAN tranceiver
LPC11C14
32
8
5
11**
1
1
1
2
8/10 b
42
50
3.3
F
LQFP48
32K Flash version of LPC11C12
LPC11C12
16
8
5
11**
1
1
1
2
8/10 b
42
50
3.3
F
LQFP48
Cortex-M0 MCU with on-chip CAN drivers
LPC11Axx devices
LPC11A14
32
8
4
5
11**
1
1
2
10-b/8
1
28/42
50
3.3
F
HVQFN33, LQFP48
Comparator, VREF, UVLO protection
LPC11A13
24
6
2
5
11**
1
1
2
10-b/8
1
28
50
3.3
F
HVQFN33
Comparator, VREF, UVLO protection
LPC11A12
16
4
1
5
11**
1
1
2
10-b/8
1
28/42
50
3.3
F
HVQFN33, LQFP48
Comparator, VREF, UVLO protection
LPC11A11
8
2
512b 5
11**
1
1
2
10-b/8
1
28
50
3.3
F
HVQFN33
Comparator, VREF, UVLO protection
LPC11A04
32
8
4
5
11**
1
1
1
10-b/8
1
18
50
3.3
F
WLCSP20
Miniature package size, Comparator, VREF, UVLO protection
LPC11A02
16
4
2
5
11**
1
1
1
10-b/8
1
18
50
F
WLCSP20
Comparator, VREF, UVLO protection
LPC134x devices
LPC1347
64
12
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1346
48
10
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1345
32
10
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1343
32
8
5
11**
1
1
1
1
8/10 b
28-42
72
3.3
F
LQFP48, HVQFN33
Low-cost, low-power Cortex-M3 device with FS USB device interface and pre-loaded USB drivers
LPC1342
16
4
5
11**
1
1
1
1
8/10 b
28
72
3.3
F
HVQFN33
16K Flash / 4K RAM version of LPC1343
LPC213x devices
LPC2138/01
512
32
5
6
2
2
2
2x8
1
47
60
3.3
F
LQFP64, HVQFN64
Dual 8-ch. 10-bit ADC, BOD, POR, 32-kHz XTAL input, VBAT, fast I/O
LPC2136/01
256
32
5
6
2
2
2
2x8
1
47
60
3.3
F
LQFP64
256K Flash version of LPC2138/01
LPC2134/01
128
16
5
6
2
2
2
2x8
1
47
60
3.3
F
LQFP64
128K Flash, 16K RAM version of LPC2138/01
LPC2132/01
64
16
5
6
2
2
2
8
1
47
60
3.3
F
LQFP64, HVQFN64
64K Flash, 16K RAM version of LPC2138/01, single ADC
LPC2131/01
32
8
5
6
2
2
2
8
47
60
3.3
F
LQFP64
32K Flash, 8K RAM version of LPC2138/01, single ADC, no DAC
* SCT peripheral can be configured as additional timers and/or PWM channels.
** Using timers.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C


Similar Part No. - LPC1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1313 NXP-LPC1313 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1313 NXP-LPC1313 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1313 NXP-LPC1313 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1313FBD48 NXP-LPC1313FBD48 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1313FBD48 NXP-LPC1313FBD48 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results

Similar Description - LPC1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com