Electronic Components Datasheet Search |
|
0197300000 Datasheet(PDF) 3 Page - Weidmuller |
|
0197300000 Datasheet(HTML) 3 Page - Weidmuller |
3 / 52 page 126 Feed-through terminals Mounting rails, end brackets, further marking material see “Accessories” 1 ) Contact-proof with ADP 4 cover profile (see section “Accessories”) 3 ) Cat. No. 0279660000, 0279680000, 0380460000 2 ) Not suitable for SST 3 safety pin and 0380480000, 41 A for 6 mm2 W W W Y Y Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 x 7.5 W Insulation stripping length/clamping screw/screwdriver blade Rated data according to IEC 60 947-7-1 Rated voltage/current/cross-section Rated impulse voltage/pollution severity Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 Clampable conductor Solid H07V-U mm2 Stranded H07V-R mm2 Flexible H07V-K mm2 Flexible H07V-K and ferrule according to DIN 46 228/1 mm2 Plug gauge according to 60 947-7-1 Size Continuous current of terminal for conductor size Continuous current rating of cross-connection 2…5-pole A Continuous current rating of cross-connection 6…10-pole A Rated data according to UL/CSA Voltage/current/conductor size UL Voltage/current/conductor size CSA Ordering data Version KrG Blue KrG KrS PA Blue PA Orange PA Terminal block with marking PA Terminal block without marking PA End plate (thickness mm) KrG Blue KrG KrS PA Blue PA PA Blue PA Partition (thickness mm) TW WTW KrG Blue KrG KrS PA Blue PA HP Small partition TSch 1 Cross-connection Q 4 2-pole 3-pole 4-pole 10-pole Cover plates Switchable cross-connection link VL 2 BS VH Marking tags Print DEK Standard SAKD 2.5 N SAKD 2.5/10/35 SAK 2.5/35 SAK 2.5/10/35 SAK 4/35 SAK 4/10/35 SAK 2.5 SAK 2.5/10 a r # LR u 5/32.5/43.5 5/44/38 10/M 2.5/3.5 x 0.6 500 V/24 A/2.5 mm2 6 kV/3 0.4…0.6 1 0.5…4 0.5…2.5 0.5…4 0.5…2.5 A 2 30 A/4 mm2 24 24 300 V/20 A/28…12 AWG 300 V/20 A/22…12 AWG Y Qty. W Qty. 0215560000100 0268860000 100 0215580000100 0268880000 100 0401060000 10 0523160000 10 0401160000 10 Type Cat. No. Qty. AP (1.5) 0150960000 20 AP (1.5) 0150980000 20 TW (1.5) 0191860000 20 TW (1.5) 0191880000 20 TW (1.5) 0307500000 20 TSch 3 0366860000 100 Q 2 0367800000 50 Q 3 0367900000 50 Q 4 0368000000 50 Q 10 0368100000 20 DEK 5 see “Accessories” a r i # LR u 6/45/40 10/M 2.5/3.5 x 0.6 800 V/24 A/2.5 mm2 8 kV/3 0.4…0.6 1 0.5…6 0.5…2.5 0.5…4 0.5…2.5/43) A 3 32 A/4 mm2 32 600 V/20 A/22…12 AWG 600 V/25 A/26…10 AWG W Cat. No. Qty. 0380420000 100 0380470000 100 03804600001)100 03804800001)100 04994600001)10 04995600001)10 Type Cat. No. Qty. AP (1.5) 0279520000 20 AP (1.5) 0279570000 20 AP (1.5) 0279530000 20 AP (1.5) 0460560000 20 AP (1.5) 0460580000 20 TW (2.5) 0302820000 20 TW (2.5) 0302870000 20 TW (2.5) 0302830000 20 TW (1.5) 0302860000 20 TW (1.5) 0302880000 20 TW (1.0) 0297100000 20 TSch 1 0319160000 100 Q 2 0337000000 50 Q 3 0337100000 50 Q 4 0337200000 50 Q 10 0368700000 20 AD 4 0303400000 50 BSKM3x22 0128900000 100 DEK 6 see “Accessories” a r i # LR u DNV 6/36.5/46.5 10/M 2.5/3.5 x 0.6 800 V/24 A/2.5 mm2 3) 8 kV/3 0.4…0.6 1 0.5…6 0.5…2.5 0.5…4 0.5…2.5/43) A 3 32 A/4 mm2 32 600 V/20 A/22…12 AWG 600 V/25 A/26…10 AWG Y Cat. No. Qty. 0279620000 100 0279670000 100 0279630000 100 02796600001)2)100 02796800001)2)100 13263600001)2)100 03225600001)2)10 03228600001)2)10 Type Cat. No. Qty. AP (1.5) 0279520000 20 AP (1.5) 0279570000 20 AP (1.5) 0279530000 20 AP (1.5) 0279560000 20 AP (1.5) 0279580000 20 TW (2.5) 0302820000 20 TW (2.5) 0302870000 20 TW (2.5) 0302830000 20 TW (1.5) 0302860000 20 TW (1.5) 0302880000 20 TW (1.0) 0297100000 20 TSch 1 0319160000 100 Q 2 0337000000 50 Q 3 0337100000 50 Q 4 0337200000 50 Q 10 0368700000 20 AD 4 0303400000 50 BSKM3x220128900000 100 DEK 6 see “Accessories” a r i # 6.5/40/51.5 6.5/45/44 12/M 3/3.5 x 0.6 800 V/32 A/4 mm2 8 kV/3 0.5…1.0 2 0.5…6 0.5…4 0.5…4 0.5…4 A 4 41 A/6 mm2 36 600 V/20 A/22…12 AWG 600 V/36 A/26…10 AWG W Cat. No. Qty. 0443620000 100 0443670000 100 04436600001) 100 04436800001) 100 13236600001) 100 05304600001)10 05303600001)10 Type Cat. No. Qty. AP (1.5) 0117920000 20 AP (1.5) 0117970000 20 AP (1.5) 0117930000 20 AP (1.5) 0117960000 20 AP (1.5) 0117980000 20 TW (2.5) 0130120000 20 TW (2.5) 0103170000 20 TW (2.5) 0130130000 20 TW (1.5) 0130160000 20 TW (1.5) 0130180000 20 TW (1.0) 0197100000 20 TSch 1 0319160000 100 Q 2 0336700000 50 Q 3 0336800000 50 Q 4 0336900000 50 Q 10 0368800000 20 AD 4 0285300000 50 BSK M3x22 0128900000 100 VL 2 0197000000 100 VH 0285100000 50 BS 0292500000 100 DEK 6.5 see “Accessories” |
Similar Part No. - 0197300000 |
|
Similar Description - 0197300000 |