Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F970J476MBA Datasheet(PDF) 1 Page - Nichicon corporation

Part # F970J476MBA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F970J476MBA Datasheet(HTML) 1 Page - Nichicon corporation

  F970J476MBA Datasheet HTML 1Page - Nichicon corporation F970J476MBA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID TANTALUM ELECTROLYTIC CAPACITORS
Standard ratings
∗ As for the surge and derated voltage at 125˚C, refer to page 332 for details.
5N (0.51kg f)
For 10
± 1 seconds
F97 Resin-moldedChip,
High Reliability
(High temperature /
moisture resistance) Series
Type numbering system (Example : 16V 3.3µF)
Dimensions
Marking
Drawing
Specifications
Taping code
(Refer to page 333 for details)
F
1
9
2
7
3
1
4
C
5
3
6
3
7
5
8
M
9
A
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
C N Case
A B Case
L
H
S
W1
W2
S
L
H
S
W1
W2
S
A Case
B Case
C Case
C475
10
16r
Rated voltage
(Voltage code)
Rated Capacitance
(Capacitance code ) Rated voltage (V) Rated Capacitance (µF)
Rated Voltage (V)
Month code
Month code
N Case
Case code
A
B
C
N
LW1
W2
HS
(mm)
3.2 ± 0.2
3.5 ± 0.2
6.0 ± 0.2
7.3 ± 0.2
1.6 ± 0.2
2.8 ± 0.2
3.2 ± 0.2
4.3 ± 0.2
1.2 ± 0.1
2.2 ± 0.1
2.2 ± 0.1
2.4 ± 0.1
1.6 ± 0.2
1.9 ± 0.2
2.5 ± 0.2
2.8 ± 0.2
0.8 ± 0.2
0.8 ± 0.2
1.3 ± 0.2
1.3 ± 0.2
Item
--55 to +125˚C (Rated temperature : +85˚C)
Category
Temperature Range
Capacitance Tolerance
Performance Characteristics
± 20%, ± 10% (at 120Hz)
Leakage Current
• After 1 minute' s application of rated voltage,leakage current at 20˚C
is not more than 0.01CV or 0.5 µA, whichever is greater.
• After 1 minute' s application of rated voltage,leakage current at 85˚C
is not more than 0.1CV or 5 µA,whichever is greater.
• After 1 minute' s application of derated voltage,leakage current at
125˚C is not more than 0.125CV or 6.3 µA,whichever is greater.
Capacitance Change
by Temperature
+15% Max. (at +125˚C)
+10% Max. (at +85˚C)
--10% Max. (at --55˚C)
Damp Heat
(Steady State)
At 85˚C, 85% R.H.,For 1000 hours (No voltage applied)
Capacitance Change •••••• Within ±10% of the initial value
Dissipation Factor ••••••••••• Initial specified value or less
Leakage Current •••••••••••• 125% or less than the initial specified value
Load Humidity
After 500 hour' s application of rated voltage in series with a 33
resistor at 60˚C, 90 to 95% R.H.,capacitors meet the characteristics
requirements table below.
Capacitance Change •••••• Within ±10% of the initial value
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• 125% or less than the initial specified value
Temperature Cycles
At --55˚C / +125˚C,For 30 minutes each,1000 cycles
Capacitance Change •••••• Within ± 5% of the initial value
Dissipation Factor ••••••••••• Initial specified value or less
Leakage Current •••••••••••• • Initial specified value or less
Resistance
to Soldering Heat
10 seconds reflow at 260˚C, 5 seconds immersion at 260˚C.
Capacitance Change •••••• Within ± 5% of the initial value
Dissipation Factor ••••••••••• Initial specified value or less
Leakage Current •••••••••••• • Initial specified value or less
Solderability
After immersing capacitors completely into a solder pot at
245˚C for 2 to 3 seconds,more than 3/4 of their electrode area
shall remain covered with new solder.
Surge
After application of surge in series with a 33resistor at the
rate of 30 seconds ON, 30 seconds OFF,for 1000 successive
test cycles at 85˚C,capacitors shall meet the characteristic
requirements table below.
Capacitance Change •••••• Within ± 5% of the initial value
Dissipation Factor ••••••••••• Initial specified value or less
Leakage Current •••••••••••• • Initial specified value or less
Endurance
After 2000 hours' application of rated voltage in series with a
3
resistor at 85˚C,or derated voltage in series with a 3
resistor at 125˚C,capacitors shall meet the characteristic
requirements table below.
Capacitance Change •••••• Within ±10% of the initial value
Dissipation Factor ••••••••••• Initial specified value or less
Leakage Current •••••••••••• • Initial specified value or less
Shear Test
After applying the pressure load of 5N
for 10 ± 1 seconds horizontally to the
center of capacitor side body which
has no electrode and has been
soldered beforehand on a substrate,
there shall be found neither exfoliation
nor its sign at the terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of capacitor, the
pressure strength is applied with a
specified jig at the center of the
substrate so that substrate may
bend by 1mm as illustrated.
Then, there shall be found no
remarkable abnormality on the
capacitor terminals.
45
45
R230
20
Dissipation Factor
Refer to next page
ESR (100kHz)
Refer to next page
Compliant to the RoHS directive (2002/95/EC).
Compliant to AEC-Q200.
6.3
10
16
20
25
35
0J
1A
1C
1D
1E
1V
0.47
474
A
0.68
684
A
A
A
1
105
A
A
(A)
1.5
155
A
A
(A) B
2.2
225
A
A
A
(A) BB
3.3
335
AAABB
(B) C
4.7
475
A
A BA BA B(B) CC
6.8
685
A BB
B
(B) C
C
(C) N
10
106
A BA B C(B) CC NN
15
156
B
B
(B) C
N
(C) N
22
226
A BA BB C NC N
(N)
33
336
A CB C NB C N
(N)
47
476
B C(B) C N
(C) N
68
686
N
N
100
107
N
(C) (N)
Cap.(
µF)
V
Code
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when these
series are being designed in your application.
Applications
Automotive electronics(Engine ECU)
Industrial equipment
CAT.8100B


Similar Part No. - F970J476MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F970J476MCC NICHICON-F970J476MCC Datasheet
63Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J476MNC NICHICON-F970J476MNC Datasheet
63Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J476MNC NICHICON-F970J476MNC Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F970J476MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com