Electronic Components Datasheet Search |
|
DBMG17C2SVA197 Datasheet(PDF) 3 Page - ITT Industries |
|
DBMG17C2SVA197 Datasheet(HTML) 3 Page - ITT Industries |
3 / 301 page Dimensions are shown in mm (inch) Dimensions subject to change 2 D* - Wrap Post Termination See pages 12-13. Product Features High performance commercial class connectors Two contact lengths for 2 or 3 wraps Machined contacts D* straight connectors are available for high performance uses according to DIN 41652. Contacts available in two popular lengths. ZD* - Straight Solder Termination (Stamped) See pages 8-9. Product Features Stamped contacts with 5 A current capacity Economical Optional vertical standoffs with optional harpoon style boardlocks or screw locks ZD* straight connectors are available for applications where price is the primary driver. They are available with or without boardlocks and screw locks. D Subminiature Straight PCB Selection Guide D*NG - Straight Pressfit Termination The D*NG is based upon the specification CECC75-301-802. These connectors provide a low-cost alternative to traditional through hole solder contacts. Utilizing stamped ‘‘Eye of the Needle’’ compliant contact tails per IEC-352-5, the parts are quickly and easily mounted onto PCBs without soldering, crimping or specialized tooling. The socket contact engaging area utilizes a ‘‘spoon’’ shape with four points of interconnection. Hardware options provide flexibility and ensure that the final product fits the electrical requirements of any application. Product Features Quick and easy press-in installation without specialized tooling ‘‘Spoon’’ socket contact provides improved interface compared to ‘‘Tuning Fork’’ Closed-entry socket for secure blind mating Front-shell only design based on CECC 75-301-802 ‘‘Eye of the Needle’’ compliant contact tails Press-in bolt for ground continuity #4-40 UNC and M3 hardware options See pages 4-5. D*M Straight Solder Termination (Machined) — Standard PC Tails See pages 6-7. Product Features 7.5 A current capacity Machined contacts 2 contact finishes Optional vertical standoffs, screw locks, and boardlocks (4 prongs) UL file number E8572 Dimensionally compatible with Combo D D*M straight PCB connectors, equivalent to MIL-C-24308 qualified versions (except for finishes) for printed circuit boards and backplanes in demanding applications. Additional contact lengths, hardware and finish options available; consult factory for details. D* - Straight Solder Termination (Machined) — European PC Tails See pages 10-11. Product Features High performance commercial connectors Two contact finish performance classes Optional vertical standoffs, threaded inserts and pushfits/boardlocks OL2 contact length, other lengths available Tin plated contact PC tails (pin & socket) Machined contacts D* straight connectors are available for high performance uses according to DIN 41652. Available with European length OL contacts. Select contact finish from 2 performance classes. |
Similar Part No. - DBMG17C2SVA197 |
|
Similar Description - DBMG17C2SVA197 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |