Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47266-5111 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 47266-5111
Description  HDMI RECEPTACLE W/SCREW R/A SMT CUSTOMER DRAWING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

47266-5111 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  47266-5111 Datasheet HTML 1Page - Molex Electronics Ltd. 47266-5111 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 47266-5111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
   High Definition Multimedia Interface (HDMI) Receptacle
47266-0001 MOLEX6-47266-0001 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm
47266-0011 MOLEX6-47266-0011 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.76關m (30關") Gold (Au) Selective Plating, Matt Tin Plated Shell
47266-0111 MOLEX6-47266-0111 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.25um
47266-0201 MOLEX6-47266-0201 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), Gold (Au) Flash, Matt Tin Plated Shell, with Flange, Tray Package, Lead Free
More results

Similar Description - 47266-5111

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
685119135725 WURTH-685119135725 Datasheet
699Kb / 3P
   ANGLED SMT HDMI M3 SCREW
logo
FCI connector
10036587 FCI-CONNECTOR-10036587 Datasheet
258Kb / 3P
   SAS RECEPTACLE R/A SMT ASSY
10035202-001LF FCI-CONNECTOR-10035202-001LF Datasheet
228Kb / 4P
   SAS RECEPTACLE R/A SMT ASSY
logo
Adam Technologies, Inc.
DPC-F-S-RA-TSMT-MF ADAM-TECH-DPC-F-S-RA-TSMT-MF Datasheet
95Kb / 1P
   DISPLAYPORT RECEPTACLE R-A SMT TYPE
DPC-F-S-RA-TSMT-MF-15 ADAM-TECH-DPC-F-S-RA-TSMT-MF-15 Datasheet
97Kb / 1P
   DISPLAYPORT RECEPTACLE R-A SMT TYPE
logo
Amphenol SV Microwave
3211-40093-40094 SVMICROWAVE-3211-40093-40094 Datasheet
570Kb / 2P
   SMPM MALE PCB SMT W/ R/A CONTACT
REV.A 06/20
3211-40106-40107 SVMICROWAVE-3211-40106-40107 Datasheet
554Kb / 1P
   SMPM MALE PCB SMT W/R/A CONTACT
REV.A 06/20
logo
Amphenol Corporation
3211-40093-40094 AMPHENOL-3211-40093-40094 Datasheet
146Kb / 2P
   SMPM MALE PCB SMT W R/A CONTACT
3211-40106-40107 AMPHENOL-3211-40106-40107 Datasheet
131Kb / 1P
   SMPM MALE PCB SMT W/ R/A CONTACT
logo
Global Connector Techno...
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
   Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com