Electronic Components Datasheet Search |
|
0241460000 Datasheet(PDF) 10 Page - Weidmuller |
|
0241460000 Datasheet(HTML) 10 Page - Weidmuller |
10 / 52 page Feed-through terminals 133 a r # u 32/87/84 32/87/84.5 26 mm/M 8/- 1000 V*/150 A/50 mm2 8 kV/3 6…12 10…70 10…70 10…70 10…35 B 11 150 A/50 mm2 (QL 2) 150 600 V/165 A/3 AWG 600 V/170 A/1…2/0 AWG Y Qty. W Qty. 0286620000 0637120000 10 Y Cat. No. Qty. EP 1 (2) 0205300000 10 EP 1 (2) 0205400000 10 W Cat. No. Qty. EP 2/35 (2) 0180700000 10 EP 2/35 (2) 0180800000 10 Y + W Qty. TW 2 (2) 0177100000 10 TW 2 (2) 0179900000 10 2/160/90.5 2/160/90.5 QL 2 0194000000 5 QL 3 0441500000 5 QL 4 0441600000 5 AH 32 0326760000 5 DEK 5 see “Accessories” a r # u 32/80/53 32/80/51 -/M 8/- 1000 V*/150 A/50 mm2 8 kV/3 6…12 150 A/50 mm2 (QL 2) 150 600 V/200 A/3 AWG 600 V/170 A/1…2/0 AWG Y Qty. W Qty. 0170420000 10 0637320000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. EP 1/35 (2) 0180700000 10 EP 1/35 (2) 0180600000 10 Y + W Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120**/75.5 2/120**/75.5 QL 2 0194000000 5 QL 3 0441500000 5 QL 4 0441600000 5 AH 32 0326760000 5 DEK 5 see “Accessories” r # u 28/70/53 -/M 6/- 1000 V*/125 A/35 mm2 8 kV/3 3…6 125 A/35 mm2 (QL 2) 125 600 V/110 A/6…1 AWG Y Cat. No. Qty. 0185020000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. Y Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120/75.5 QL 2 0193900000 5 QL 3 0407600000 5 QL 4 0407700000 5 AH 28 0326660000 5 DEK 5 see “Accessories” a r # u 28/70/63.5 15 mm/M 6/- 1000 V*/125 A/35 mm2 8 kV/3 3…6 6…35 6…35 10…35 6…35 B 9 600 V/95 A/2 AWG 600 V/135 A/8…2 AWG Y Cat. No. Qty. 0170820000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. Y Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120/75.5 AH 28 0326660000 5 DEK 5 see “Accessories” * During conductor connection, observe clearance and creepage distances. Insert partitions if nececssary ** For Cat. No. 0180600000 and 0180700000: length = 160 mm. Y Y Y Y a r # u 32/94/84 32/94/84.5 26 mm/M 8/- 1000 V*/150 A/50 mm2 8 kV/3 6…12 10…70 10…70 10…70 10…35 B 11 150 A/50 mm2 600 V/165 A/3 AWG 600 V/185 A/1…2/0 AWG Y Qty. W Qty. 0286720000 10 0637220000 10 Y Cat. No. Qty. EP 2 (2) 0205300000 10 EP 2 (2) 0205400000 10 W Cat. No. Qty. EP 2/35 (2) 0180700000 10 EP 2/35 (2) 0180800000 10 Y + W Qty. TW 2 (2) 0177100000 10 TW 2 (2) 0179900000 10 2/160/90.5 2/160/90.5 AH 32 0326760000 5 DEK 5 see “Accessories” Y Y r # u DNV 32/80/53 32/80/53 -/M 8/- 1000 V*/150 A/50 mm2 8 kV/3 6…12 150 A/50 mm2 (QL 2) 150 600 V/170 A/1…2/0 AWG Y Qty. W Qty. 0185120000 10 0637420000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. EP 1/35 (2) 0180700000 10 EP 1/35 (2) 0180600000 10 Y + W Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120**/75.5 2/120**/75.5 QL 2 0194000000 5 QL 3 0441500000 5 QL 4 0441600000 5 AH 32 0326760000 5 DEK 5 see “Accessories” WW WW SAKG 28 II G SAKG 28 III SAKG 32 I SAKG 32/35 I SAKG 32 II SAKG 32/35 II SAKG 32 II G SAKG 32/35 II G SAKG 32 III SAKG 32/35 III |
Similar Part No. - 0241460000 |
|
Similar Description - 0241460000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |