Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

022501.5HXP Datasheet(PDF) 1 Page - Littelfuse

Part # 022501.5HXP
Description  224/225 Series Lead-Free 2AG, Fast-Acting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

022501.5HXP Datasheet(HTML) 1 Page - Littelfuse

  022501.5HXP Datasheet HTML 1Page - Littelfuse 022501.5HXP Datasheet HTML 2Page - Littelfuse 022501.5HXP Datasheet HTML 3Page - Littelfuse 022501.5HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
255
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Fast Acting > 224/225 Series
224/225 Series
Please refer to www.littelfuse.com/series/224.html
or /225.html for current information.
224/225 Series Lead-Free 2AG, Fast-Acting
The 2AG Fast-Acting Fuses are available in cartridge
form or with axial leads. 2AG Fuses provide the same
performance characteristics as their 3AG counterpart, while
occupying one-third the space. Sleeved fuses are available.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
100mA - 3.5A
E10480
4A - 10A
LR 29862
100mA - 10A
PS
E
NBK200405-E10480
NBK060405-E10480
Cartridge: 1A - 10A
Pigtail: 1A - 10A
100mA - 10A
Features
Electrical Characteristics for Series
with underwriter’s
Laboratories Standard
UL 248-14
and axial lead form and
with various forming
dimensions
Lead-free
Applications
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
135%
1 hour, Maximum
200%
1 sec., Maximum
Amp
Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
®
PS
E
.100
.1
250
35A@250Vac
10KA@125Vac
10KA@125Vdc
6.1500
0.00075
x
x
x
.125
0.125
250
3.9000
0.00286
x
x
x
.250
0.25
250
1.1500
0.0300
x
x
x
.375
0.375
250
0.3950
0.171
x
x
x
.500
0.5
250
0.2650
0.365
x
x
x
.750
0.75
250
0.1520
1.050
x
x
x
001.
1
250
0.1027
2.220
x
x
x
x
01.5
1.5
250
0.0712
0.800
x
x
x
x
002.
2
250
100A@250Vac
10KA@125Vac
10KA@125Vdc
0.0497
1.500
x
x
x
x
02.5
2.5
250
0.0372
2.680
x
x
x
x
003.
3
250
0.0317
4.620
x
x
x
x
03.5
3.5
250
0.0265
6.700
x
x
x
x
004.
4
125
100A@250Vac
500A@125Vac
0.0240
9.400
xxxx
005.
5
125
0.0186
17.0
xxxx
005.
5
250
0.0186
17.0
x
x
x
006.
6
125
500A@125Vac
0.0154
22.1
xxxx
007.
7
125
0.0130
40.0
xxxx
008.
8
125
0.0107
56.0
xxxx
010.
10
125
0.0075
116.0
xxxx
Electrical Characteristic Specifications by Item
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description
* 10A with 500A @ 125 Vdc internal breaking capacity testing.
Revised: April 1, 2010


Similar Part No. - 022501.5HXP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0225260000 WEIDMULLER-0225260000 Datasheet
1Mb / 52P
   SAK-series
logo
List of Unclassifed Man...
0225261200 ETC2-0225261200 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0225261600 ETC2-0225261600 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
022533 ETC2-022533 Datasheet
6Mb / 1P
   950 SPKL/7B SM Magnet Hex Key Set, metric, Blacklaser
logo
Weidmuller
0225360000 WEIDMULLER-0225360000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 022501.5HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
289 LITTELFUSE-289 Datasheet
92Kb / 1P
   2AG Fast-Acting Type 224/225/288/289 Series
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
02200003DRT1P LITTELFUSE-02200003DRT1P Datasheet
214Kb / 4P
   220 Series, Lead-Free 2AG Special Fuse
0479002.MXEP LITTELFUSE-0479002.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
047902.5MXEP LITTELFUSE-047902.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com