Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54819-0519 Datasheet(PDF) 5 Page - MolexKits

Part # 54819-0519
Description  Deluxe Audio Video Data Application Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54819-0519 Datasheet(HTML) 5 Page - MolexKits

  54819-0519 Datasheet HTML 1Page - MolexKits 54819-0519 Datasheet HTML 2Page - MolexKits 54819-0519 Datasheet HTML 3Page - MolexKits 54819-0519 Datasheet HTML 4Page - MolexKits 54819-0519 Datasheet HTML 5Page - MolexKits 54819-0519 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Molex Part No.
Quantity in
Kit
74320-9010
1
74320-5000
1
74320-1000
1
74320-4000
1
74320-3000
1
88768-3500
1
47151-0002
1
47151-1002
1
47151-1005
1
47272-0001
1
67068-8000
1
67068-9000
1
48037-1000
1
89485-8000
1
48037-0001
1
88732-9000
1
88728-3200
1
88732-8600
1
54819-0519
1
47491-0001
1
47346-0001
1
53462-0629
1
67503-1020
1
500075-1517
1
IEEE 1394-1995 Receptacle, Right Angle, SMT
USB On-The-Go (OTG) mini-B™ Receptacle, Right Angle,
SMT
USB On-The-Go (OTG) mini-B™ Receptacle, Vertical,
Through Hole
China
China
Japan
China
Japan
China
China/HK
China
China
China
China
China
USB (OTG) mini-B™ Receptacle, Right Angle, Through Hole
0.65mm (.0256") Pitch Micro-USB B Receptacle, Mid-Mount,
SMT, Lead Free
0.65mm (.0256") Pitch Micro-USB B Receptacle, Bottom
Mount, SMT, Lead Free
1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw
Flange, w/Back Cover
1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw
Flange,w/o Back Cover
DVI-D Receptacle Header, Right Angle Panel Mount
China
China
USB-A Plug to Pigtail White Cable Full-Rated 810mm
Bill of Materials for Part No. 76650-0143
DVI-I Receptacle Header, Right Angle Panel Mount
China
China
China
0.5mm (.020") Pitch, Receptacle, Right Angle, SMT, Display
Port*
USB Type B Receptacle, Right Angle, BLACK
USB Plug, Type A, Right Angle, Through Hole
USB Type B Receptacle, Right Angle, WHITE
China
USB (OTG) Shielded I/O Cable, USB-A To mini-B™, USB
2.0, 1.0m (3.28'), White
USB Shielded I/O Cable Assembly: A-to-B Full-Rated, 0.82m
(2.69')
China
DVI-D Receptacle Header, Vertical Panel Mount, 30micro
inches Gold
DVI-I Receptacle Header, Right Angle
USB Plug, Type A, Right Angle, Surface Mount, 30μ" Gold
Plating,
USB Type A Receptacle, Single Upright, Right Angle
DVI-I Receptacle Header, Vertical Panel Mount
HDMI^ to DVI-Digital Cable Assembly, 28 AWG, 1.00m (3.30')
1.00mm (.039") Pitch HDMI^ Receptacle, Right Angle, Gold
Taiwan
China
China
Description
China
Country
of Origin
Taiwan
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 6


Similar Part No. - 54819-0519

ManufacturerPart #DatasheetDescription
logo
MolexKits
54819-0519 MOLEXKITS-54819-0519 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Texas Instruments
54819-0519 TI1-54819-0519 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
Intersil Corporation
54819-0519 INTERSIL-54819-0519 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
logo
Molex Electronics Ltd.
54819-0519 MOLEX1-54819-0519 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
54819-0519 MOLEX-54819-0519 Datasheet
157Kb / 2P
   USB SERIES MINI-B RECEPTACLE ASSY -LEAD FREE-
2004.04.28
More results

Similar Description - 54819-0519

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13718 SPARKFUN-TOL-13718 Datasheet
103Kb / 2P
   Shapeoko Deluxe Kit
11/24/2015
logo
Switchcraft, Inc.
EH1PKG SWITCH-EH1PKG Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
logo
SparkFun Electronics
TOL-11805 SPARKFUN-TOL-11805 Datasheet
113Kb / 2P
   SparkFun Deluxe Tool Kit
7????9
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
Pomona Electronics
6173A POMONA-6173A Datasheet
198Kb / 2P
   Deluxe Industrial Test Companion Kit
6345 POMONA-6345 Datasheet
79Kb / 1P
   Deluxe Electronic Test Companion Kit
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
IOGEAR
GVE600W6 IOGEAR-GVE600W6 Datasheet
146Kb / 2P
   DVI Video Extender Kit (CAT 5e/6) with Audio
logo
Pomona Electronics
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com