Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8768 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8768_10 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8768_10 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.3 July 2010
9
BCLK
(Output)
LRCLK
(Output)
t
DL
DIN1/2/3/4
t
DHT
t
DST
Figure 3 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRCLK propagation delay
from BCLK falling edge
tDL
0
10
ns
DIN1/2/3/4 setup time to
BCLK rising edge
tDST
10
ns
DIN1/2/3/4 hold time from
BCLK rising edge
tDHT
10
ns
Table 2 Digital Audio Data Timing – Master Mode
DIGITAL AUDIO INTERFACE – SLAVE MODE
BCLK
DIN1/2/3/4
LRCLK
WM8768
DAC
DSP/
DECODER
4
Figure 4 Audio Interface – Slave Mode


Similar Part No. - WM8768_10

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8768EDS WOLFSON-WM8768EDS Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768EDS/R WOLFSON-WM8768EDS/R Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768GEDS WOLFSON-WM8768GEDS Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768GEDS/R WOLFSON-WM8768GEDS/R Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
More results

Similar Description - WM8768_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Asahi Kasei Microsystem...
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
   3.3V 192kHz 24-Bit 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
   24 BIT 192KHZ 6 CHANNEL DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
   3.3V 192kHz 24-Bit 6-Channel DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com