Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11336 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11336
Description  500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11336 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11336 Datasheet HTML 1Page - Maxim Integrated Products MAX11336 Datasheet HTML 2Page - Maxim Integrated Products MAX11336 Datasheet HTML 3Page - Maxim Integrated Products MAX11336 Datasheet HTML 4Page - Maxim Integrated Products MAX11336 Datasheet HTML 5Page - Maxim Integrated Products MAX11336 Datasheet HTML 6Page - Maxim Integrated Products MAX11336 Datasheet HTML 7Page - Maxim Integrated Products MAX11336 Datasheet HTML 8Page - Maxim Integrated Products MAX11336 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MAX11335–MAX11340
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
19-6468; Rev 0; 9/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX11335-MAX11340.related.
General Description
The MAX11335–MAX11340 are 12-/10-bit with external
reference and 500kHz, full-linear-bandwidth, high-speed,
low-power, serial-output successive approximation reg-
ister (SAR) analog-to-digital converters (ADCs). The
MAX11335–MAX11340 provide external access to the
output of the integrated mux and ADC input, to simplify
conditioning. The MAX11335–MAX11340 include both
internal and external clock modes. These devices feature
scan mode in both internal and external clock modes. The
internal clock mode features internal averaging to increase
SNR. The external clock mode features the SampleSetK
technology, a user-programmable analog input channel
sequencer. The SampleSet approach provides greater
sequencing flexibility for multichannel applications while
alleviating significant microcontroller or DSP (controlling
unit) communication overhead.
External pins provide access to the output of the
multiplexer and ADC inputs to simplify multichannel sig-
nal conditioning. The internal clock mode features an inte-
grated FIFO allowing data to be sampled at high speeds
and then held for readout at any time or at a lower clock
rate. Internal averaging is also supported in internal clock
mode improving SNR for noisy input signals. The devices
feature analog input channels that can be configured to
be single-ended inputs, fully differential pairs, or pseudo-
differential inputs with respect to one common input. The
MAX11335–MAX11340 operate from a 2.35V to 3.6V sup-
ply and consume only 4.2mW at 500ksps.
The MAX11335–MAX11340 include AutoShutdownK,
fast wake-up, and a high-speed 3-wire serial interface.
The devices feature full power-down mode for optimal
power management. The 8MHz, 3-wire serial interface
directly connects to SPI, QSPIK, and MICROWIREM
devices without external logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these convert-
ers ideal for portable battery-powered data-acquisition
applications, and for other applications that demand low
power consumption and small space.
The MAX11335–MAX11340 are available in 32-pin, 5mm
x 5mm, TQFN packages and operate over the -40NC to
+125NC temperature range.
Benefits and Features
S
Scan Modes, Internal Averaging, and Internal Clock
S
16-Entry First-In/First-Out (FIFO)
S
SampleSet: User-Defined Channel Sequence with
Maximum Length of 256
S
Input Pins
Any Combination of Single-Ended, Differential
and Pseudo-Differential Pairs Allowed
S
Analog Multiplexer with True Differential
Track/Hold
16-/8-/4-Channel Single-Ended
8-Channel Fully-Differential Pairs
15-/8-/4-Channel Pseudo-Differential Relative to
a Common Input
S
Externally Accessible Multiplex Output and
ADC Input
S
Two Software-Selectable Bipolar Input Ranges
 Q
VREF+/2, QVREF+
S
Flexible Input Configuration Across All Channels
S
High Accuracy
 Q
1 LSB INL, Q1 LSB DNL, No Missing Codes
S
70dB SINAD Guaranteed at 100kHz Input
Frequency
S
1.5V to 3.6V Digital I/O Supply Voltage
S
2.35V to 3.6V Supply Voltage
S
Extended Battery Life for Portable Applications
4.2mW at 500ksps with 3V Supplies
2µA Full-Shutdown Current
S
External Differential Reference (1V to VDD)
S
8MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSP-
Compatible Serial Interface
S
Wide -40NC to +125NC Operation
S
Space-Saving, 32-Pin, 5mm x 5mm TQFN Packages
S
500ksps Conversion Rate, No Pipeline Delay
Applications
High-Speed Data Acquisition Systems
High-Speed Closed-Loop Systems
Industrial Control Systems
Medical Instrumentation
Battery-Powered Instruments
Portable Systems
SampleSet and AutoShutdown are trademarks of Maxim
Integrated Products, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National Semiconductor
Corp.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX11336

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11336ATJ++ MAXIM-MAX11336ATJ+ Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results

Similar Description - MAX11336

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com