Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11338 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11338
Description  500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11338 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11338 Datasheet HTML 1Page - Maxim Integrated Products MAX11338 Datasheet HTML 2Page - Maxim Integrated Products MAX11338 Datasheet HTML 3Page - Maxim Integrated Products MAX11338 Datasheet HTML 4Page - Maxim Integrated Products MAX11338 Datasheet HTML 5Page - Maxim Integrated Products MAX11338 Datasheet HTML 6Page - Maxim Integrated Products MAX11338 Datasheet HTML 7Page - Maxim Integrated Products MAX11338 Datasheet HTML 8Page - Maxim Integrated Products MAX11338 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Maxim Integrated
MAX11335–MAX11340
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
VDD to GND.............................................................-0.3V to +4V
AOP, AON, AIP, AIN, OVDD, AIN0–AIN13, CNVST/AIN14, REF+,
REF-/AIN15 to GND....................................... -0.3V to the lower of
(VDD + 0.3V) and +4V
CS, SCLK, DIN, DOUT, EOC TO GND .......-0.3V to the lower of
(VOVDD + 0.3V) and +4V
DGND to GND......................................................-0.3V to +0.3V
Input/Output Current (all pins) ...........................................50mA
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 34.4mW/NC above +70NC)..................2758mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA)...........29NC/W
Junction-to-Case Thermal Resistance (BJC)...............1.7NC/W
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS (MAX11335/MAX11336/MAX11337)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 500ksps, fSCLK = 8MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 3 and 4)
Resolution
RES
12 bit
12
Bits
Integral Nonlinearity
INL
Q
1.0
LSB
Differential Nonlinearity
DNL
No missing codes
Q
1.0
LSB
Offset Error
1.2
Q
3.0
LSB
Gain Error
(Note 5)
-0.02
Q
5.5
LSB
Offset Error Temperature Coefficient
OETC
Q
2
ppm/NC
Gain Temperature Coefficient
GETC
Q
0.8
ppm/NC
Channel-to-Channel Offset Matching
Q
0.5
LSB
Line Rejection
PSR
(Note 6)
Q
0.3
Q
2
LSB/V
DYNAMIC PERFORMANCE (100kHz, Input Sine Wave) (Notes 3 and 7)
Signal-to-Noise Plus Distortion
SINAD
70
71.9
dB
Signal-to-Noise Ratio
SNR
70
72.3
dB
Total Harmonic Distortion
(Up to the 5th Harmonic)
THD
-83
-76
dB
Spurious-Free Dynamic Range
SFDR
77
84
dB
Intermodulation Distortion
IMD
f1 = 99.2432kHz, f2 = 69.2139kHz
-85
dB
Full-Power Bandwidth
-3dB
30
MHz
-0.1dB
5
Full-Linear Bandwidth
SINAD ≥ 70dB
0.5
MHz


Similar Part No. - MAX11338

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11338ATJ++ MAXIM-MAX11338ATJ+ Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results

Similar Description - MAX11338

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com