Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB2200 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAB2200
Description  Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAB2200 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAB2200 Datasheet HTML 6Page - Fairchild Semiconductor FAB2200 Datasheet HTML 7Page - Fairchild Semiconductor FAB2200 Datasheet HTML 8Page - Fairchild Semiconductor FAB2200 Datasheet HTML 9Page - Fairchild Semiconductor FAB2200 Datasheet HTML 10Page - Fairchild Semiconductor FAB2200 Datasheet HTML 11Page - Fairchild Semiconductor FAB2200 Datasheet HTML 12Page - Fairchild Semiconductor FAB2200 Datasheet HTML 13Page - Fairchild Semiconductor FAB2200 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAB2200 • Rev. 1.0.1
10
Typical Performance Characteristics
10
Frequency (Hz)
VBATT = 3.7V
ZSPKR = 8ohm+68µH
VRIPPLE = 100mVPP
Inputs AC Grounded
-100
-80
-60
-40
-20
0
100
1K
10K
100K
Figure 10. Output Power vs. Supply Voltage
Figure 11. PSRR vs. Frequency
Figure 12. Output vs. Frequency
Headphone Amplifier
Figure 13. THD+N vs. Output Power
Figure 14. THD+N vs. Output Power


Similar Part No. - FAB2200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAB22-10-1-0 ETC-FAB22-10-1-0 Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
FAB22-10-1-1 ETC-FAB22-10-1-1 Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
FAB22-10-8-0 ETC-FAB22-10-8-0 Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
FAB22-10-8-1 ETC-FAB22-10-8-1 Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
FAB22-10-Z-0 ETC-FAB22-10-Z-0 Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results

Similar Description - FAB2200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com