Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0235.125HXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0235.125HXP
Description  235 Series, 5 x 20 mm, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0235.125HXP Datasheet(HTML) 2 Page - Littelfuse

  0235.125HXP Datasheet HTML 1Page - Littelfuse 0235.125HXP Datasheet HTML 2Page - Littelfuse 0235.125HXP Datasheet HTML 3Page - Littelfuse 0235.125HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
294
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
235 Series
5×20 mm > Fast-Acting > 235 Series
Please refer to www.littelfuse.com/series/235.html for current information.
Amp Code
Amp Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t
(A2 sec)
Agency Approvals
PS
E
250
35A@250Vac,
10000A@125Vac
250
250
250
250
250
250
250
250
250
1
250
100A@250Vac,
10000A@125Vac
250
250
2
250
250
3
250
250
4125
10000@125Vac
5125
6125
7125
Electrical Characteristic Specifications by Item
Average Time Current Curves
Temperature Rerating Curve
100
10
1
0.1
0.1
1
10
100
1000
0.01
1000
10000
CURRENT IN AMPERES


Similar Part No. - 0235.125HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0235.125H LITTELFUSE-0235.125H Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0235.125H- LITTELFUSE-0235.125H- Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0235.125H-ND LITTELFUSE-0235.125H-ND Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0235.125HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com