Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4852 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4852
Description  9MHz Low-Power Dual CMOS Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4852 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4852 Datasheet HTML 1Page - Fairchild Semiconductor FAN4852 Datasheet HTML 2Page - Fairchild Semiconductor FAN4852 Datasheet HTML 3Page - Fairchild Semiconductor FAN4852 Datasheet HTML 4Page - Fairchild Semiconductor FAN4852 Datasheet HTML 5Page - Fairchild Semiconductor FAN4852 Datasheet HTML 6Page - Fairchild Semiconductor FAN4852 Datasheet HTML 7Page - Fairchild Semiconductor FAN4852 Datasheet HTML 8Page - Fairchild Semiconductor FAN4852 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2011
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4852 • Rev. 4.0.0
FAN4852
9MHz Low-Power Dual CMOS Amplifier
Features
0.8mA Supply Current
9 MHz Bandwidth
Output Swing to within 10mV of Either Rail
Input Voltage Range Exceeds the Rails
6V/µs Slew Rate
11nV/Hz Input Voltage Noise
Fully Specified at +3.3V and +5V Supplies
Applications
Piezoelectric Sensors
PCMCIA, USB
Mobile Communications / Battery-Powered Devices
Notebooks and PDAs
Active Filters
Signal Conditioning
Portable Test Instruments
Description
The FAN4852 is a dual, rail-to-rail output, low-power,
CMOS amplifier that consumes only 800µA of supply
current, while providing ±50mA of output short-circuit
current. This amplifier is designed to operate supplies
from 2.5V to 5V.
Additionally, the FAN4852 is EMI hardened, which
minimizes EMI interference. It has a maximum input
offset voltage of 1mV and an input common-mode range
that includes ground.
The FAN4852 is designed on a CMOS process and
provides 9MHz of bandwidth and 6V/μs of slew rate.
The combination of low-power, low-voltage operation
and a small package make this amplifier well suited for
general-purpose and battery-powered applications.
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FAN4852IMU8X
-40 to +85°C
8-Lead MSOP Package
3000 on Tape and Reel


Similar Part No. - FAN4852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4852 ONSEMI-FAN4852 Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
FAN4852IMU8X ONSEMI-FAN4852IMU8X Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
More results

Similar Description - FAN4852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4852 ONSEMI-FAN4852 Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com