Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680LA100BP Datasheet(PDF) 11 Page - Littelfuse

Part # V680LA100BP
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V680LA100BP Datasheet(HTML) 11 Page - Littelfuse

Back Button V680LA100BP Datasheet HTML 5Page - Littelfuse V680LA100BP Datasheet HTML 6Page - Littelfuse V680LA100BP Datasheet HTML 7Page - Littelfuse V680LA100BP Datasheet HTML 8Page - Littelfuse V680LA100BP Datasheet HTML 9Page - Littelfuse V680LA100BP Datasheet HTML 10Page - Littelfuse V680LA100BP Datasheet HTML 11Page - Littelfuse V680LA100BP Datasheet HTML 12Page - Littelfuse V680LA100BP Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: February 9, 2012
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Tape and Reel Specifications
P1
P1
W0
E
DP
DH
DH
W1
W
F
t
W2
P
DP
C
Db
H0
DD0
H1
SEATING
PLANE
P2
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
Db
H
DD0
H1
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
Db
H
DD0
H1
P1
P2
W0
U
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
Db
Ho
DD0
H1
P0
U
DH
E
DH
DP
W1
W
F
t
W2
P
DP
Db
Ho
DD0
H1
P2
W0
P1
7mm Devices
10, 14 and 20mm Devices
P1
P0
E
DP
DH
DH
W1
W
F
t
W2
W0
P
DP
C
Db
H0
DD0
H1
SEATING
PLANE
P2
(Dimensions presented on following page.)


Similar Part No. - V680LA100BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V680LA100BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V130LC5P LITTELFUSE-V130LC5P Datasheet
1Mb / 13P
   LA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V420LS40BP LITTELFUSE-V420LS40BP Datasheet
1Mb / 13P
   LA Varistor Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
logo
RAYEX ELECTRONICS CO., ...
LA-12FW RAYEX-LA-12FW Datasheet
666Kb / 2P
   LA SERIES
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com