Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX084AK Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX084AK
Description  Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX084AK Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX084AK Datasheet HTML 3Page - Sony Corporation ICX084AK Datasheet HTML 4Page - Sony Corporation ICX084AK Datasheet HTML 5Page - Sony Corporation ICX084AK Datasheet HTML 6Page - Sony Corporation ICX084AK Datasheet HTML 7Page - Sony Corporation ICX084AK Datasheet HTML 8Page - Sony Corporation ICX084AK Datasheet HTML 9Page - Sony Corporation ICX084AK Datasheet HTML 10Page - Sony Corporation ICX084AK Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
– 7 –
ICX084AK
Readout clock
Vertical transfer
clock
During imaging
During parallel-
serial conversion
Reset gate clock
Substrate clock
VT
V
φ1,
V
φ2, Vφ3
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
2.3
24
26.5
11
1.5
2.5
30
31.5
13
1.8
25
25
31.5
30
62.5
0.5
10
10
0.01
0.01
3
17.5
15
0.5
15
0.5
10
10
0.01
0.01
3
350
17.5
15
0.5
µs
ns
ns
µs
ns
µs
During
readout
1
2
During drain
charge
Item
Symbol
twh
twl
tr
tf
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Remarks
Horizontal transfer clock H
φ1, Hφ2 21.5 25.5
ns
3
Item
Symbol
two
Min. Typ. Max.
Unit
Remarks
1 When vertical transfer clock driver CXD1267AN is used.
2 tf ≥ tr – 2ns, and the cross-point voltage (V
CR
) for the H
φ1 rising side of the Hφ1 and Hφ2 waveforms must be
at least 2.5V.
3 The overlap period for twh and twl of horizontal transfer clocks Hφ
1
and H
φ2 is two.
Clock Switching Characteristics


Similar Part No. - ICX084AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX084AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com