Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA223MUX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA223MUX
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA223MUX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA223MUX Datasheet HTML 1Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 2Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 3Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 4Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 5Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 6Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA223MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA223 • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VAudio
Supply Voltage
-0.5
6.0
V
VCC
Supply Voltage
-0.5
6.0
V
VSW
Switch I/O Voltage
(3,4)
R, L Pins
Vaudio- 7.0V
Vaudio +
0.3V
V
D+, D-, D+/R, D-/L
Pins
VCC- 7.0V
VCC + 0.3V
V
ASel
Control Input Voltage
(3)
-0.5
6.0
V
IIK
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current (Continuous)
USB
50
mA
Audio
50
mA
ISWPEAK
Peak Switch Current (Pulsed at
1ms Duration, <10% Duty Cycle)
USB
100
mA
Audio
100
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model, JESD22-A114
I/O to GND
7.5
kV
All Other Pins
3.0
VAudio VCC to GND
12.0
Charged Device Model, JESD22-C101
2.0
Notes:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
4.
VSW maximum values can be exceeded ONLY if ISW maximum values are observed. For example, VSW=VCC + 0.6 V
is acceptable if ISW is limited externally to
≤ 50 mA.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
VAudio
Supply Voltage
2.7
5.5
V
VCC
Supply Voltage
2.7
5.5
V
ASel
Control Input Voltage
0
VCC
V
VSW
Switch I/O Voltage
VAudio – 6.5 V
VAudio – 0.3 V
V
VCC – 6.5 V
VCC
V
TA
Operating Temperature
-40
+85
°C
θJA
Thermal Resistance (free air)
MicroPak™
330
(estimated)
ºC/W


Similar Part No. - FSA223MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA223MUX FAIRCHILD-FSA223MUX Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223MUX FAIRCHILD-FSA223MUX Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA223MUX ONSEMI-FSA223MUX Datasheet
612Kb / 18P
   High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results

Similar Description - FSA223MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com