Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3000 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL??Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3000 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA3000 Datasheet HTML 1Page - Fairchild Semiconductor FSA3000 Datasheet HTML 2Page - Fairchild Semiconductor FSA3000 Datasheet HTML 3Page - Fairchild Semiconductor FSA3000 Datasheet HTML 4Page - Fairchild Semiconductor FSA3000 Datasheet HTML 5Page - Fairchild Semiconductor FSA3000 Datasheet HTML 6Page - Fairchild Semiconductor FSA3000 Datasheet HTML 7Page - Fairchild Semiconductor FSA3000 Datasheet HTML 8Page - Fairchild Semiconductor FSA3000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.0.4
FSA3000 — Two-Port, High-Speed, MHL™ Switch
Features
Low On Capacitance: 2.7 pF/4.1 pF MHL/USB
(Typical)
Low Power Consumption: 30 μA Maximum
MHL Data Rate: 4.92 Gbps (f3dB = 2.46 GHz)
Packaged in 10-Lead MicroPak™
Over-Voltage Tolerance (OVT) on all USB and MHL
Ports; Up to 5.25 V without External Components
Applications
Cell Phones and Digital Cameras
Description
The FSA3000 is a bi-directional, low-power, two-port,
high-speed, USB2.0 and video data switch that supports
the Mobile High-Definition Link (MHL) Specification Rev.
2.0. Configured as a double-pole, double-throw (DPDT)
switch for data, FSA3000 is optimized for USB2.0 and
MHL data sources.
The FSA3000 contains circuitry on the switch I/O pins
that allows the device to withstand an over-voltage
condition in applications where the VCC supply is powered
off
(VCC=0).
The
FSA3000
minimizes
current
consumption even when the voltage applied to the control
pins is lower than the supply voltage (VCC). This feature is
especially valuable in mobile applications, such as cell
phones; allowing direct interface with the general-purpose
I/Os of the baseband processor. Other applications
include switching and connector sharing in portable cell
phones, digital cameras, and notebook computers.
Ordering Information
Part Number
Top Mark
Operating
Temperature Range
Package
FSA3000L10X
LK
-40 to +85°C
10-Lead, MicroPakTM 1.6 x 2.1 mm JEDEC MO255B
Figure 1. Analog Symbol
All trademarks are the property of their respective owners.
US B +
MH L +
U SB-
MH L -
D-
D+
Co n tro l
Se l
/O E


Similar Part No. - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
FSA3000L10X ONSEMI-FSA3000L10X Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
More results

Similar Description - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3341 FAIRCHILD-FSA3341 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??Switch
logo
ON Semiconductor
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
   Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3041 FAIRCHILD-FSA3041 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??/ Audio / UART Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
FSUSB42 ONSEMI-FSUSB42 Datasheet
584Kb / 10P
   Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com