Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3041 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA3041
Description  High-Speed 4:1 USB2.0 / MHL??/ Audio / UART Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3041 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA3041 Datasheet HTML 1Page - Fairchild Semiconductor FSA3041 Datasheet HTML 2Page - Fairchild Semiconductor FSA3041 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
November 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3041 • Rev. 1.0.1
FSA3041
High-Speed 4:1 USB2.0 / MHL™ / Audio / UART Switch
Features
Low On Capacitance: 4.2 pF / 7.5 pF MHL / USB
(Typical)
Low Power Consumption: 30 μA Maximum
Supports MHL Rev. 2.0
MHL Data Rate: 3.8 Gbps
LINOUT Swing: -1.5 V to +3.0 V (Typical)
USB 2.0 Compliant
Packaged in 16-Lead UMLP (1.8 x 2.6 mm)
Over-Voltage Tolerance on All USB Ports:
Up to 5.25 V without External Components
Applications
Cell Phones
Digital Cameras
Description
The FSA3041 is a bi-directional, low-power, high-speed,
4:1, USB2.0, MHL™, UART, and audio switch.
Configured as a Double-Pole, Four-Throw (DP4T)
switch; it is optimized for switching between high- or full-
speed USB, Mobile High-Definition Link sources (MHL
Rev. 2.0 specification), UART, and negative-swing
capable audio. In addition, either USB 2.0 path can be
used as a UART path.
The FSA3041 contains circuitry on the switch I/O pins,
for applications where the VCC supply is powered off
(VCC = 0 V), that allows the device to withstand an over-
voltage condition. This switch is designed to minimize
current consumption even when the control voltage
applied to the control pins is lower than the supply
voltage (VCC). This is especially valuable in mobile
applications, such as cell phones, allowing direct
interface with the general-purpose I/Os of the baseband
processor. Other applications include switching and
connector sharing in portable cell phones, digital
cameras, and notebook computers.
Figure 1. Typical Application
Ordering Information
Part Number
Top Mark
Operating Temperature Range
Package
FSA3041UMX
LZ
-40 to +85°C
16-Lead, Ultrathin Molded Leadless Package
(UMLP), 1.8 mm x 2.6 mm
All trademarks are the property of their respective owners.


Similar Part No. - FSA3041

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
Fairchild Semiconductor
FSA3000 FAIRCHILD-FSA3000 Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Fairchild Semiconductor
FSA3000L10X FAIRCHILD-FSA3000L10X Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000L10X ONSEMI-FSA3000L10X Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
More results

Similar Description - FSA3041

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3341 FAIRCHILD-FSA3341 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??Switch
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1188 ONSEMI-NCN1188 Datasheet
966Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
August, 2011 ??Rev. 1
logo
Fairchild Semiconductor
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
   High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
ON Semiconductor
NCN1188 ONSEMI-NCN1188_16 Datasheet
883Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
January, 2016 ??Rev. 4
logo
Fairchild Semiconductor
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com