Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA8108 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSA8108
Description  Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA8108 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSA8108 Datasheet HTML 1Page - Fairchild Semiconductor FSA8108 Datasheet HTML 2Page - Fairchild Semiconductor FSA8108 Datasheet HTML 3Page - Fairchild Semiconductor FSA8108 Datasheet HTML 4Page - Fairchild Semiconductor FSA8108 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA8108 • Rev. 1.0.0
20
Physical Dimensions
Figure 14.
12-Ball, 3x4 Array, 0.4mm Pitch, 250µm Ball, Wafer-Level Chip-Scale Package (WLCSP)
Nominal Values
Bump Pitch Overall Package Height
Silicon Thickness Solder Bump Height
Solder Bump Diameter
0.4mm
0.586mm
0.378mm
0.208mm
0.260mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which
covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Ordering Information
Part Number
Operating
Temperature
Range
Top
Mark
Package
D
E
X
Y
FSA8108BUCX
-40 to +85°C
G6
12-Ball, 3x4 Array, 0.4mm Pitch, 250µm
Ball, Wafer-Level Chip-Scale Package
1.56mm 1.16mm 0.18mm 0.18mm
BOTTOM VIEW
SIDE VIEWS
TOP VIEW
RECOMMENDED LAND PATTERN
(NSMD PAD TYPE)
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 586 MICRONS
±39 MICRONS (547-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILENAME: MKT-UC012ACrev1.
0.40
0.40
0.80
1.20
Ø0.260±0.02
12X
(X)±0.018
(Y)±0.018
A
B
C
D
12 3
2X
PIN 1 AREA
0.03 C
E
D
A
B
2X
0.03 C
0.05 C
0.625
0.547
C
0.378±0.018
0.208±0.021
SEATING PLANE
D
F
F
(Ø0.200)
Cu Pad
(Ø0.300)
Solder Mask
0.40
0.80
1.20
0.40
0.005
CA B


Similar Part No. - FSA8108

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSA8 CARLOGAVAZZI-FSA8 Datasheet
73Kb / 2P
   Proximity Magnetic Sensors Cylindrical Housing
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
More results

Similar Description - FSA8108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8009 FAIRCHILD-FSA8009 Datasheet
476Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8058 FAIRCHILD-FSA8058 Datasheet
831Kb / 8P
   Audio Jack Detection and Configuration Switch with Moisture Sensing
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
Texas Instruments
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
   Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com