Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8978 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8978
Description  Stereo CODEC with Speaker Driver
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8978_11 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8978_11 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
DBVDD, DCVDD, AVDD supply voltages
-0.3V
+4.5V
SPKVDD supply voltage
-0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-40
C
+100
C
Storage temperature after soldering
-65
C
+150
C
Notes:
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.71
1
3.6
V
Digital supply range (Buffer)
DBVDD
1.71
2
3.6
V
Analogue core supply range
AVDD
2.5
3.6
V
Analogue output supply range
SPKVDD
2.5
5.5
V
Ground
DGND, AGND,
SPKGND
0
V
Notes:
1.
When using the PLL, DCVDD must not be less than 1.9V.
2.
DBVDD must be greater than or equal to DCVDD.
3.
Analogue supplies have to be
 to digital supplies.
4.
In non-boosted mode, SPKVDD should = AVDD, if boosted SPKVDD should be
 1.5x AVDD.


Similar Part No. - WM8978_11

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978GEFL WOLFSON-WM8978GEFL Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8978GEFL/RV WOLFSON-WM8978GEFL/RV Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8978GEFL/RV WOLFSON-WM8978GEFL/RV Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978GEFL/V WOLFSON-WM8978GEFL/V Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8978GEFL/V WOLFSON-WM8978GEFL/V Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
More results

Similar Description - WM8978_11

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Nuvoton Technology Corp...
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
   24-bit Stereo Audio Codec with Speaker Driver
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
   Stereo CODEC with Speaker Driver and Video Buffer
logo
Nuvoton Technology Corp...
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
   24-bit Stereo Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com