Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8224 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
7
ELECTRICAL CHARACTERISTICS
40MHZ OPERATION
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C, MCLK = 40MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 16-bit ADC, PGA, Offset and CDS functions)
Max Conversion rate
40
MSPS
Full-scale input voltage range
(see Note 1)
LOWREFS=0, Max Gain
LOWREFS=0, Min Gain
0.25
3.03
Vp-p
Vp-p
LOWREFS=1, Max Gain
LOWREFS=1, Min Gain
0.15
1.82
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
FOL_EN=0
AGND-0.3
AVDD+0.3
V
FOL_EN=1, minimum
AGND
V
FOL_EN=1, maximum
AGND+1.2
V
Input capacitance
CIN
RINP, GINP, BINP to AGND
10
pF
Full-scale transition error
Gain = 0dB;
PGA[8:0] = 18(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[8:0] = 18(hex)
20
mV
Differential non-linearity
DNL
16-bit
1.2
LSB
Integral non-linearity (pk-pk/2)
INL
16-bit
56
LSB
Channel to channel gain matching
1.3
%
Output noise
Unity Gain
(Unused channels grounded)
10.2
LSB rms
Programmable Gain Amplifier
Resolution
9
bits
Gain
]
:
[
PGA
*
.
.
0
8
511
34
7
66
0
V/V
Max gain, each channel
GMAX
8
V/V
Min gain, each channel
GMIN
0.66
V/V
Analogue to Digital Converter
Resolution
16
bits
Speed
40
MSPS
Full-scale input range
(2*(VRT-VRB))
LOWREFS=0
2
V
LOWREFS=1
1.2
V
60MHZ OPERATION
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C, MCLK = 60MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 10-bit ADC, PGA, Offset and CDS functions)
Max Conversion rate
60
MSPS
Full-scale input voltage range
(see Note 1)
LOWREFS=0, Max Gain
LOWREFS=0, Min Gain
0.26
3.03
Vp-p
Vp-p
LOWREFS=1, Max Gain
LOWREFS=1, Min Gain
0.16
1.82
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
FOL_EN=0
AGND-0.3
AVDD+0.3
V
FOL_EN=1, minimum
AGND
V
FOL_EN=1, maximum
AGND+1.2
V
Input capacitance
CIN
RINP, GINP, BINP to AGND
10
pF
Full-scale transition error
Gain = 0dB;
PGA[8:0] = 18(hex)
20
mV


Similar Part No. - WM8224

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8224 CIRRUS-WM8224 Datasheet
847Kb / 50P
   60MSPS 3-Channel AFE with Multiple Device Operation
More results

Similar Description - WM8224

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8224 CIRRUS-WM8224 Datasheet
847Kb / 50P
   60MSPS 3-Channel AFE with Multiple Device Operation
logo
OmniVision Technologies...
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
   automatic black level calibration (ABLC)
OV4685 OMNIVISION-OV4685 Datasheet
5Mb / 2P
   automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV9760 OMNIVISION-OV9760 Datasheet
610Kb / 2P
   automatic black level calibration (ABLC)
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV4686 OMNIVISION-OV4686 Datasheet
827Kb / 2P
   automatic black level calibration (ABLC)
OV9782 OMNIVISION-OV9782 Datasheet
678Kb / 2P
   automatic black level calibration (ABLC)
logo
Texas Instruments
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com