Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSAV450 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSAV450
Description  800MHz, 4-Channel, 2:1 Video Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV450 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FSAV450_11 Datasheet HTML 1Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 2Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 3Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 4Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 5Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 6Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 7Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 8Page - Fairchild Semiconductor FSAV450_11 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV450 • Rev. 1.0.3
8
Physical Dimensions
Figure 16. 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/ms/MS/MS-522.pdf.


Similar Part No. - FSAV450_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450BQX FAIRCHILD-FSAV450BQX Datasheet
1,017Kb / 11P
   800MHz Quad SPDT LCD/Plasma Video Switch
FSAV450BQX FAIRCHILD-FSAV450BQX Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450BQX FAIRCHILD-FSAV450BQX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450MTC FAIRCHILD-FSAV450MTC Datasheet
1,017Kb / 11P
   800MHz Quad SPDT LCD/Plasma Video Switch
FSAV450MTC FAIRCHILD-FSAV450MTC Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results

Similar Description - FSAV450_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com