Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT3001UMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FT3001UMX
Description  Reset Timer with Configurable Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT3001UMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FT3001UMX Datasheet HTML 2Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 3Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 4Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 5Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 6Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 7Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 8Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 9Page - Fairchild Semiconductor FT3001UMX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT3001 • Rev. 1.0.4
7
Functional Description
The reset timer uses an internal oscillator and a two-
stage 21-bit counter to determine when the output pins
switch. The time, n, is set by the hard-wired logic level
of the DSR0 and DSR1 pins. See Table 1 & 2.
Table 1.
FT3001UMX Truth Table
DSR0
DSR1
Reset Time (
20%)
in Seconds
0
0
3.00
0
1
3.75
1
0
4.50
1
1
6.00
Table 2.
FT3001MPX Truth Table
DSR0
Reset Time (
20%)
in Seconds
0
3.0
1
4.5
The two CMOS input pins, /SR0 and /SR1, control the
reset function. A low input signal on both /SR0 and /SR1
starts the oscillator. Both /SR0 and /SR1 pins must be
held LOW for time n before the /RST1 and RST2
outputs are activated. The TRIG pin should be tied LOW
during normal operation. The TRIG pin is used for
SCAN testing.
Application Information
IMPORTANT
: The DSR0 and DSR1 pins must be tied
directly to VCC or GND to provide a HIGH or LOW
voltage level. The voltage level on the DSR pin
determines the length of the configurable delay. The
voltage level on the DSR pins must not change during
normal operation. Do not use pull-up or pull-down
resistors on DSR pins.
Short Duration (Button Press Time < n)
In this case, both input /SR0 and /SR1 are LOW for a
duration (tW) that is shorter than time n. When an input
goes LOW, the internal timer starts counting. If the input
goes HIGH before time n, the timer stops counting and
resets and no changes occur on the outputs.
Long Duration (tW > n)
In this case, both input /SR0 and /SR1 are LOW for a
duration (tW) that is longer than time n. When an input
goes LOW, the internal timer starts counting.
After time n, the outputs switch and the timer stops
counting. After time tREC, the outputs return to their
original states.
Table 3.
Short Duration
/SR0
/SR1
/RST1
RST2
Description
L
H
L
The timer starts counting when both inputs go LOW. The timer stops
counting and resets when either input goes high. No changes occur on the
outputs. Both /SR0 and /SR1 need to be LOW to activate (start) the timer.
Figure 8. Short Duration
Figure 9. Long Duration
Table 4.
Long Duration
/SR0
/SR1
/RST1
RST2
Description
L
The timer starts counting when both inputs go LOW. After time n, the
outputs switch. After time tREC, the outputs return to their original states.
Both /SR0 and /SR1 need to be LOW to activate (start) the timer.
L


Similar Part No. - FT3001UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT3001UMX ONSEMI-FT3001UMX Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
More results

Similar Description - FT3001UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com