Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FT8010
Description  Reset Timer with Configurable Delay Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT8010 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FT8010 Datasheet HTML 3Page - Fairchild Semiconductor FT8010 Datasheet HTML 4Page - Fairchild Semiconductor FT8010 Datasheet HTML 5Page - Fairchild Semiconductor FT8010 Datasheet HTML 6Page - Fairchild Semiconductor FT8010 Datasheet HTML 7Page - Fairchild Semiconductor FT8010 Datasheet HTML 8Page - Fairchild Semiconductor FT8010 Datasheet HTML 9Page - Fairchild Semiconductor FT8010 Datasheet HTML 10Page - Fairchild Semiconductor FT8010 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.7
7
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
-40C° to +85C°
1.8
5.0
V
-25C° to +85C°
1.7
5.0
0C° to +85C°
1.65
5.00
tRFC
VCC Recovery Time After Power
Down
VCC=0 V After Power Down,
Rising to 0.5 V
5
ms
VIN
Input Voltage
/SR0, /SR1
0
5
V
VOUT
Output Voltage
/RST1 HIGH or LOW
0
5
V
RST2 HIGH or LOW
0
VCC
/RST1, RST2, VCC=0 V
0
5
IOH
DC Output Source Current
RST2, 1.8 V ≤ VCC ≤ 3.0 V
-0.1
mA
RST2, 3.0 V ≤ VCC ≤ 5.0 V
-0.5
IOL
DC Output Sink Current
/RST1, RST2, VCC=1.8 V to
5.0 V
+0.5
TA
Free Air Operating Temperature
-40
+85
C
JA
Thermal Resistance
MLP-8
245
°C/W
UMLP-10
200
Note:
5.
All unused inputs must be held at VCC or GND.
DC Electrical Characteristics
Unless otherwise specified, conditions of TA=-40 to 80C with VCC=1.8 - 5.0V OR TA=-25 to 85C with VCC=1.7 – 5V OR
TA=0 to 85C with VCC=1.65 – 5V produce the performance characteristics below.
Symbol
Parameter
Condition
Min.
Max.
Unit
VIH
Input High Voltage
/SR0, /SR1
1.2
V
DSR
0.65 x VCC
VIL
Input Low Voltage
/SR0, /SR1
0.32
V
DSR
0.25 x VCC
VOH
High Level Output Voltage
RST2, IOH=-100 µA
0.8 x VCC
V
RST2, IOH=-500 µA
VCC=3.0 to 5.0 V
0.8 x VCC
VOL
Low Level Output Voltage
RST2, IOL=500 µA
0.3
V
/RST1, IOL=500 µA
0.3
IIN
Input Leakage Current
0 V
 VIN  5.0 V
1.0
µA
ICC
Quiescent Supply Current
(Timer Inactive)
/SR0 or /SR1=VCC
20
µA
Dynamic Supply Current
(Timer Active)
/SR0=/SR1=0 V
100


Similar Part No. - FT8010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
FT8010UMX ONSEMI-FT8010UMX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT8010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com