Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT10001L6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FT10001L6X
Description  Reset Timer with Fixed Delay and Reset Pulse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT10001L6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FT10001L6X Datasheet HTML 1Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 2Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 3Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 4Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 5Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 6Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 7Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 8Page - Fairchild Semiconductor FT10001L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT10001 • Rev. 1.0.1
FT10001
Reset Timer with Fixed Delay and Reset Pulse
Features
Fixed Reset Delay: 10 Seconds
One Input Reset Pin
Open-Drain Output Pin with Fixed 530ms Pulse
1.8V to 5.0V Operation (TA=-40°C to +85°C)
1.7V to 5.0V Operation (TA=-25°C to +85°C)
1.65V to 5.00V Operation (TA=0°C to +85°C)
<1µA ICCQ Consumption
Zero-Second Test-Mode Enable
Integrated Pull-Up Resistor on /SRO
Applications
Cell Phones
Portable Media Players
Tablets
Mobile Devices
Consumer Medical
Description
The FT10001 is a timer for resetting a mobile device
where long reset times are needed. The long delay
helps avoid unintended resets caused by accidental key
presses. It has a fixed delay of 10 ±20% seconds. The
DSR pin enables Test Mode operation by immediately
forcing /RST1 LOW for factory testing.
The FT10001 has one input for single-button resetting
capability. The device has a single open-drain output
with 0.5mA pull-down drive.
FT10001 draws minimal ICC current when inactive and
functions over a power supply range of 1.65V to 5.00V.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FT10001L6X
-40
C to +85C
6-Lead, MicroPak™ 1.0 x 1.45mm, JEDEC MO-252
5000 Units on
Tape and Reel
FT10001FHX
-40
C to +85C
6-Lead, MicroPak2™ 1.0 x 1.0mm Body, .35mm Pitch
5000 Units on
Tape and Reel


Similar Part No. - FT10001L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT10001L6X ONSEMI-FT10001L6X Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
More results

Similar Description - FT10001L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FTL7522 FAIRCHILD-FTL7522 Datasheet
1Mb / 8P
   Low ICCT Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com