Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9001 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9001
Description  1W Dual-Mode Class AB/D Speaker Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9001 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9001 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
WM9001
Production Data
w
PD, March 2010, Rev 4.1
8
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 3.3V; SPKVDD = 5V, TA = +25
oC, 1kHz input signal, BSEL[2:0] = 000 unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pins (LIN, LIP)
Maximum Full-Scale Input Signal Level
Differential Mode (INP_SEL=0): This is
the maximum on each input pin; the total
differential input is 2x this figure.
Single-Ended Mode (INP_SEL=1): This is
the maximum on LIP.
Note that the maximum signal level scales
in proportion to AVDD (AVDD/3.3).
1.0
0
Vrms
dBV
Input Resistance – Differential Mode
(INP_SEL=0)
Gain=0dB (BSEL[2:0]=000)
160
k
Ω
Gain=2.1dB (BSEL[2:0]=001)
123
k
Ω
Gain=2.9dB (BSEL[2:0]=010)
112
k
Ω
Gain=3.6dB (BSEL[2:0]=011)
103
k
Ω
Gain=4.5dB (BSEL[2:0]=100)
94
k
Ω
Gain=5.1dB (BSEL[2:0]=101)
87
k
Ω
Input Resistance – Single-Ended Mode
(INP_SEL=1)
All gain settings
20
k
Ω
Input Capacitance
10
pF
Speaker Driver Performance
SNR (A-weighted)
BSEL[2:0] = 011 (1.52x)
8
Ω Bridge Tied Load
Class D Mode
Differential and Single-Ended
Input Modes
90
97
dB
THD (PO=0.5W)
-92
-81
dB
THD+N (PO=0.5W)
-87
-79
dB
THD (PO=1.0W)
-83
-73
dB
THD+N (PO=1.0W)
-78
-68
dB
SNR (A-weighted)
BSEL[2:0] = 011 (1.52x)
8
Ω Bridge Tied Load
Class AB Mode
Differential and Single-Ended
Input Modes
94
102
dB
THD (PO=0.5W)
-79
-70
dB
THD+N (PO=0.5W)
-77
-68
dB
THD (PO=1.0W)
-77
-70
dB
THD+N (PO=1.0W)
-75
-68
dB
Mute Attenuation
Device disabled (EN=0)
100
dB
Common Mode Rejection Ratio
Differential Mode
50
dB
Bandwidth
0
22
kHz
AVDD PSRR
100mV pk-pk ripple, 217Hz
60
dB
SPKVDD PSRR
83
dB
DC Offset at load
5
mV
SPKVDD Leakage Current
EN=0
0.3
μA
AVDD Leakage Current
EN=0
9
μA
Reference Levels
VMID Midrail Reference Voltage
-3%
AVDD/2
+3%
V
Output Common Mode Voltage
(Note: BSEL[2:0]=110 and BSEL[2:0]=111
are reserved settings)
BSEL[2:0] = 000
1.00 x VMID
V
BSEL[2:0] = 001
1.27 x VMID
BSEL[2:0] = 010
1.40 x VMID
BSEL[2:0] = 011
1.52 x VMID
BSEL[2:0] = 100
1.67 x VMID
BSEL[2:0] = 101
1.80 x VMID


Similar Part No. - WM9001

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9010 WOLFSON-WM9010 Datasheet
278Kb / 12P
   Low Power, Class G Stereo Headphone Driver
logo
Cirrus Logic
WM9010 CIRRUS-WM9010 Datasheet
278Kb / 12P
   Low Power, Class G Stereo Headphone Driver
logo
Wolfson Microelectronic...
WM9010ECSN/R WOLFSON-WM9010ECSN/R Datasheet
278Kb / 12P
   Low Power, Class G Stereo Headphone Driver
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
   Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
logo
Wolfson Microelectronic...
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
   PDM Input Mono 3W Class D Speaker Driver
More results

Similar Description - WM9001

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
   Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
   Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
   Class AB/D dual-mode, 5W mono audio amplifier
V1.0
logo
Princeton Technology Co...
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
   Class AB/D dual-mode, 10W mono audio amplifier
V1.0
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com