Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3122CMX_F085 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN3122CMX_F085
Description  Single 9A High-Speed, Low-Side Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122CMX_F085 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN3122CMX_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 14Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122_F085 • Rev. 1.0.0
11
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 27. Propagation Delay vs. Supply Voltage
Figure 28. Propagation Delay vs. Supply Voltage
Figure 29. Propagation Delay vs. Supply Voltage
Figure 30. Propagation Delay vs. Supply Voltage
Figure 31. Propagation Delays vs. Temperature
Figure 32. Propagation Delays vs. Temperature


Similar Part No. - FAN3122CMX_F085_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3122CMX_F085 FAIRCHILD-FAN3122CMX_F085 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3122CMX_F085_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com