Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7085MX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7085MX
Description  High Side Gate Driver with Recharge FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7085MX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7085MX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN7085MX_12 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©2012 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FAN7085_GF085 Rev. 1.0.1
Performance Graphs
4.4
4.7
5.0
5.3
5.6
5.9
6.2
6.5
2.2
2.4
2.6
2.8
3.0
3.2
Typ.
Vsupply (V)
Figure 4a. Positive IN and RESET Threshold vs VCC Supply
Figure 4b. Negative IN and RESET Threshold vs VCC Supply
Figure5b. Output Source Current vs Temperature
Figure 6a. Turn-On Propagation Delay Time vs Temperature
Figure 6b. Turn-Off Propagation Delay Time vs Temperature
Figure5a. Output Sink Current vs VBS Supply
VBS=7V, RL=50, CL=2.5nF
4.4
4.7
5.0
5.3
5.6
5.9
6.2
6.5
1.8
2.0
2.2
2.4
2.6
Typ.
Vsupply (V)
510
15
20
0
400
800
1200
1600
2000
125
oC
VBS(V)
-40
oC
-50
0
50
100
150
300
350
400
450
500
Typ.
Temperature (
oC)
-50
0
50
100
150
500
530
560
590
620
650
Temperature(
oC)
Typ.
-50
0
50
100
150
100
150
200
250
Temperature (
oC)
Typ.
VBS=7V, RL=50, CL=2.5nF
VCC=5V, VBS=7V
VCC=5V
VCC=5V,VBS=7V, RL=50, CL=2.5nF
VCC=5V,VBS=7V, RL=50, CL=2.5nF
This performance graphs based on ambient temperature -40
C ~125C


Similar Part No. - FAN7085MX_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7085MX-GF085 ONSEMI-FAN7085MX-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085MX_GF085 FAIRCHILD-FAN7085MX_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
More results

Similar Description - FAN7085MX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
   HIGH SIDE DRIVER WITH RECHARGE
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
   High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com