Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

023902.5HXE- Datasheet(PDF) 1 Page - Littelfuse

Part # 023902.5HXE-
Description  239 Series, 5 x 20 mm, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

023902.5HXE- Datasheet(HTML) 1 Page - Littelfuse

  023902.5HXE- Datasheet HTML 1Page - Littelfuse 023902.5HXE- Datasheet HTML 2Page - Littelfuse 023902.5HXE- Datasheet HTML 3Page - Littelfuse 023902.5HXE- Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
307
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
239 Series
5×20 mm > Time Lag > 239 Series
Please refer to www.littelfuse.com/series/239.html for current information.
Agency Approvals
Features
Applications
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK030609-JP1021A
NBK190609-JP1021A
NBK030609-JP1021B
Leaded Certificates:
NBK030609-JP1021C
NBK190609-JP1021B
NBK030609-JP1021D
1A – 3.5A
4A – 5A
7A
1A – 3.5A
4A – 5A
7A
Certificates:
SU05001 – 2004A
SU05001 – 2014A
200mA – 3.15A
4A – 7A
Listed File:
E10480
Guide:
JDYX
80mA – 7A
File:
029862
Certificates Class:
LR1422-01
200mA – 3.15A
4A – 7A
80mA – 7A
Electrical Characteristics for Series
% of Ampere
Rating
Ampere
Ratings
OpeningTime
100%
135%
200%
239 Series, 5 x 20 mm, Slo-Blo® Fuse
PS
E
Description
Revised: September 9, 2011


Similar Part No. - 023902.5HXE-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
023902.5H LITTELFUSE-023902.5H Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
023902.5H- LITTELFUSE-023902.5H- Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
023902.5H-ND LITTELFUSE-023902.5H-ND Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 023902.5HXE-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com